SRP6540-R82M
AI

The **SRP6540-R82M** is a high-current, shielded power inductor manufactured by **Bourns**. It belongs to the SRP6540 series, which is designed for high-density power applications that require high reliability and low electromagnetic interference (EMI).
---
### 1. Key Technical Specifications
The model number encodes specific parameters of the component. Below is the breakdown:
| Parameter | Value | Description |
| :--- | :--- | :--- |
| **Inductance** | 0.82 µH | The nominal inductance value. |
| **Tolerance** | ±20% (M) | The allowable variance from nominal inductance. |
| **Inductance Code** | R82 | "R" acts as a decimal point (0.82). |
| **Saturation Current ($I_{sat}$)** | ~24 A | The current at which inductance drops by 30%. |
| **Heating Current ($I_{rms}$)** | ~16 A | The current that causes a 40°C temperature rise. |
| **DCR (Resistance)** | ~3.8 mΩ | The internal DC resistance (Max value). |
| **Operating Temp** | -40 to +150°C | Includes self-heating temperature rise. |
---
### 2. Design and Construction
The SRP6540-R82M is built using specialized materials to handle high power in a small footprint:
* **Shielded Construction:** The inductor uses a carbonyl powder core. This design minimizes "leakage flux," which reduces electromagnetic interference (EMI) that could affect nearby components on a PCB.
* **Molded Core:** The wire is embedded directly into the metal powder core under high pressure. This makes the component highly resistant to mechanical vibration and acoustic noise (buzzing).
* **Flat Wire/Lead-frame:** Many inductors in this series use flat wire technology to maximize the surface area, which significantly lowers the DC Resistance (DCR) and improves thermal efficiency.
---
### 3. Footprint and Dimensions
The "6540" in the part number refers to the physical dimensions of the SMD (Surface Mount Device) package:
| Dimension | Measurement (mm) |
| :--- | :--- |
| **Length** | 7.2 mm (approx.) |
| **Width** | 6.5 mm (approx.) |
| **Height** | 4.0 mm (max) |
---
### 4. Typical Applications
Because of its high current handling and low EMI, the SRP6540-R82M is commonly found in:
1. **DC/DC Converters:** Used in buck, boost, or SEPIC topologies.
2. **GPU/CPU Power:** Providing stable current to high-performance processors.
3. **Automotive Electronics:** Driver assistance systems and infotainment (AEC-Q200 versions often available).
4. **Industrial Power Supplies:** Where space is limited but power requirements are high.
- ⤷
What is the difference between Saturation Current and Heating Current in this inductor?
- ⤷ Can this inductor be used in high-frequency switching power supplies above 1MHz?
- ⤷ How does the 'M' suffix affect the performance in a precision circuit?