SRP4020-R22M
AI

## Technical Overview: SRP4020-R22M
The **SRP4020-R22M** is a high-current, shielded power inductor manufactured by **Bourns**. It belongs to the SRP4020 series, which is designed for high-density power applications where space and efficiency are critical.
---
### 1. Key Technical Specifications
The part number itself contains several encoded specifications:
| Parameter | Value | Description |
| :--- | :--- | :--- |
| **Inductance** | 0.22 µH | Low inductance for high switching frequencies |
| **Inductance Tolerance** | ±20% | Denoted by the "M" suffix |
| **Irms (Heating Current)** | ~11.5 A | Current causing a 40°C temperature rise |
| **Isat (Saturation Current)** | ~14.5 A | Current causing a 30% drop in inductance |
| **DCR (DC Resistance)** | 4.2 mΩ (Typical) | Low internal resistance to minimize heat |
| **Operating Temp** | -45°C to +125°C | Suitable for industrial and automotive use |
---
### 2. Physical Characteristics
This component uses a **metal alloy powder core** rather than a traditional ferrite core.
* **Shielding:** It is magnetically shielded, which minimizes Electromagnetic Interference (EMI) with neighboring components.
* **Construction:** The molded construction provides high resistance to mechanical shock and vibration.
* **Dimensions:**
* **Length:** 4.4 mm
* **Width:** 4.0 mm
* **Height:** 1.8 mm (max 2.0 mm)
---
### 3. Common Applications
Due to its low inductance and high current handling, the SRP4020-R22M is typically found in:
1. **DC/DC Converters:** Used in Buck, Boost, and SEPIC topologies.
2. **Consumer Electronics:** Smartphones, tablets, and laptops where PCB space is limited.
3. **Power Modules:** High-frequency VRMs (Voltage Regulator Modules) for CPUs and GPUs.
4. **Telecom Equipment:** Distributed power systems and base stations.
---
### 4. Part Number Breakdown
The nomenclature for this series follows a specific logic:
```text
SRP 4020 - R22 M
| | | |
| | | └── Tolerance (M = ±20%)
| | └────── Inductance (R22 = 0.22 µH)
| └────────────── Dimensions (4.0mm x 2.0mm high)
└──────────────────── Series Name (Shielded Power Inductor)
```
- ⤷
What is the difference between Irms and Isat in this inductor?
- ⤷ Are there automotive-grade (AEC-Q200) versions of this series?
- ⤷ How does the metal alloy core compare to a standard ferrite core?