SRP4012TA-R22M
AI

## Technical Overview of SRP4012TA-R22M
The **SRP4012TA-R22M** is a high-performance, shielded power inductor manufactured by Bourns. It is specifically designed for high-current power supply applications where space is limited and reliability is critical.
### 1. Key Specifications
| Parameter | Value |
| :--- | :--- |
| **Inductance** | 0.22 µH |
| **Tolerance** | ±20% |
| **DC Resistance (DCR)** | 4.8 mΩ (Typical) / 5.7 mΩ (Max) |
| **Irms (Heating Current)** | 11.5 A |
| **Isat (Saturation Current)** | 16.5 A |
| **Operating Temperature** | -40 °C to +150 °C |
| **Package Size** | 4.45 x 4.0 x 1.0 mm (approx.) |
---
### 2. Core Components and Materials
* **Shielded Construction:** The inductor uses a magnetic alloy powder core. This construction provides excellent EMI (Electromagnetic Interference) shielding, preventing magnetic flux from interfering with neighboring components on the PCB.
* **Carbonyl Powder Core:** The core material is formulated for high saturation current and low core losses at high frequencies.
* **Lead-Free/RoHS Compliant:** The component meets modern environmental safety standards and is AEC-Q200 qualified, meaning it is tested for automotive-grade reliability.
---
### 3. Application Use Cases
This specific inductor is typically found in the following electronic circuits:
1. **DC/DC Converters:** Used as an energy storage element in buck or boost converters.
2. **Mobile Electronics:** Ideal for smartphones and tablets due to its ultra-low profile (1.2 mm height).
3. **Automotive Systems:** Used in Driver Assistance Systems (ADAS) and infotainment due to its high temperature rating.
4. **CPU/GPU Power:** Handles the high-current demands of modern microprocessors.
---
### 4. Part Number Breakdown
The part number follows a specific logic used by Bourns:
| Segment | Meaning |
| :--- | :--- |
| **SRP** | Series Name (Shielded Power Inductor) |
| **4012** | Dimensions (Approx. 4.0mm x 1.2mm height) |
| **TA** | Automotive Grade (AEC-Q200 Qualified) |
| **R22** | Inductance Value (R22 = 0.22 µH) |
| **M** | Tolerance (M = ±20%) |
- ⤷
What are the main competitors or alternatives to the Bourns SRP series?
- ⤷ How does the 'Isat' rating affect the performance of this inductor in a circuit?
- ⤷ What is the recommended solder reflow profile for this specific AEC-Q200 component?