SRP2010TMA-R33M
AI

### Electronic Specifications: SRP2010TMA-R33M
The **SRP2010TMA-R33M** is a high-current, shielded power inductor manufactured by Bourns. It is designed primarily for automotive and high-reliability industrial applications where miniaturization and high performance are required.
---
### Technical Specifications Table
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 0.33 µH |
| **Tolerance** | ±20% |
| **Inductance Frequency** | 1 MHz / 1 V |
| **DCR (DC Resistance)** | 11.5 mΩ (Typ) / 14 mΩ (Max) |
| **Irms (Heating Current)** | 6.5 A |
| **Isat (Saturation Current)** | 9.0 A |
| **Operating Temperature** | -55 °C to +150 °C |
| **Package Size** | 2010 (2.0mm x 1.6mm x 1.0mm) |
---
### Key Electronic Characteristics
1. **Metal Alloy Powder Core:**
Unlike traditional ferrite inductors, this part uses a metal alloy core. This construction allows for a **soft saturation** characteristic, meaning the inductance drops gradually as current increases rather than dropping sharply.
2. **Magnetic Shielding:**
The inductor is fully shielded. This minimizes Electromagnetic Interference (EMI), which is critical in dense PCB layouts and sensitive automotive electronics.
3. **AEC-Q200 Compliance:**
The "TMA" suffix indicates that this part is automotive grade. It has undergone rigorous stress testing for thermal shock, humidity resistance, and mechanical vibration.
4. **Flat Wire Construction:**
The internal design uses flat wire technology, which lowers the **DC Resistance (DCR)**. Low DCR is essential for reducing power loss and preventing overheating in high-current paths.
---
### Application Usage
This part is commonly used in DC-DC converters for:
* **ADAS** (Advanced Driver Assistance Systems)
* **Infotainment** systems
* **LED lighting** modules
* **Smartphones** and ultra-thin portable electronics
---
- ⤷
What is the significance of 'soft saturation' in power inductors?
- ⤷ How does flat wire construction improve efficiency compared to round wire?
- ⤷ Can this inductor be used in high-frequency switching applications above 2 MHz?