công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • SRP1270-R32M

  • AI
    The **SRP1270-R32M** is a high-performance, shielded power inductor manufactured by **Bourns**. It is designed primarily for high-current applications where stability and efficiency are critical. --- ### 1. Technical Specifications The part number follows a specific nomenclature that defines its physical and electrical characteristics: | Parameter | Specification | | :--- | :--- | | **Inductance** | 0.32 µH | | **Tolerance** | ±20% | | **Current Rating (Irms)** | 46 Amps | | **Saturation Current (Isat)** | 65 Amps | | **DC Resistance (DCR)** | 0.90 mΩ (Max) | | **Operating Temperature** | -40 °C to +150 °C | | **Footprint / Size** | 13.5 x 12.5 x 7.0 mm | --- ### 2. Key Internal Components The SRP1270 series is built using specialized materials to handle high power density: * **Carbonyl Iron Powder Core:** The core is made of a metal powder that allows for high saturation currents and low core losses at high frequencies. * **Molded Construction:** Unlike traditional wire-wound inductors with an open core, this is a "molded" inductor. The coil is encased in the iron powder mixture under high pressure, providing excellent magnetic shielding. * **Flat Wire Technology:** It often utilizes flat copper wire rather than round wire. This increases the surface area, reducing the **Skin Effect** and significantly lowering the DC Resistance (DCR). --- ### 3. Functional Features * **Magnetic Shielding:** The molded body acts as a natural shield, which minimizes Electromagnetic Interference (EMI) that could affect neighboring components on a PCB. * **Soft Saturation:** Unlike ferrite inductors that lose inductance sharply when current limits are reached, the SRP1270-R32M exhibits a "soft" saturation curve, maintaining better stability during current spikes. * **AEC-Q200 Compliance:** This specific series is often qualified for automotive standards, meaning it can withstand high vibration and thermal shock. --- ### 4. Common Applications Due to its 46A current rating and low inductance, it is typically found in: 1. **DC/DC Converters:** Used in high-current power supplies for CPUs and GPUs (Voltage Regulator Modules - VRMs). 2. **Automotive Systems:** Powering Infotainment systems, LED lighting, and ADAS sensors. 3. **Industrial Power:** High-efficiency buck/boost converters and battery management systems. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between Irms and Isat for this inductor?
    • ⤷ How does the molded construction improve EMI performance compared to open-core inductors?
    • ⤷ Are there smaller alternatives to the SRP1270 if board space is limited?