SRP1235-R33M
AI

The **SRP1235-R33M** is a high-power, shielded power inductor manufactured by Bourns. It is part of the SRP1235 series, specifically designed for high-current applications in consumer and industrial electronics.
### 1. Part Number Breakdown
Understanding the nomenclature helps identify the component's specifications:
| Code Segment | Meaning |
| :--- | :--- |
| **SRP** | Series Name (High Current Shielded Power Inductor) |
| **1235** | Physical Size (Approx. 13.5 mm x 12.5 mm x 3.5 mm) |
| **R33** | Inductance Value: **0.33 µH** |
| **M** | Tolerance: **±20%** |
---
### 2. Technical Specifications
The SRP1235-R33M is characterized by low DC resistance and high saturation current.
| Parameter | Value |
| :--- | :--- |
| **Inductance** | 0.33 µH |
| **Tolerance** | ±20% |
| **DCR (DC Resistance)** | 1.1 mΩ (typical) / 1.3 mΩ (max) |
| **Irms (Heating Current)** | 42 Amperes |
| **Isat (Saturation Current)** | 62 Amperes |
| **Operating Temp** | -45°C to +165°C |
| **Shielding** | Shielded (Metal Alloy powder core) |
---
### 3. Key Features & Construction
* **Shielded Construction:** It uses a metal alloy powder core which provides excellent EMI (Electromagnetic Interference) shielding, making it suitable for high-density PCB layouts.
* **Low Buzz Noise:** The molded construction minimizes audible noise when operating at high frequencies.
* **High Thermal Stability:** With a maximum operating temperature of 165°C, it is highly reliable in harsh thermal environments.
* **AEC-Q200 Compliance:** Most parts in this series are qualified for automotive use, ensuring high durability.
---
### 4. Typical Applications
Due to its high current handling and low profile, it is commonly found in:
* **DC/DC Converters:** For distributed power systems.
* **Computing:** Powering CPUs, GPUs, and high-end servers.
* **Automotive Electronics:** Infotainment and driver assistance systems.
* **Battery Powered Devices:** High-efficiency power management modules.
---
### 5. Footprint (Mechanical Data)
The "1235" designation indicates a footprint of roughly **13.5 x 12.5 mm** with a height of **3.5 mm**.
```markdown
Dimensions (Approx):
L: 13.5 mm (± 0.5)
W: 12.5 mm (± 0.3)
H: 3.5 mm (± 0.2)
```
---
- ⤷What is the difference between Irms and Isat in this inductor?
- ⤷ What are the recommended soldering profiles for the SRP1235 series?
- ⤷ Are there alternative inductors with lower DCR for the same footprint?