công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • SR38-R-3S

  • AI
    The **SR38-R-3S** is a specific model of slip ring, a mechanical-electrical device designed to transmit power and signals from a stationary structure to a rotating one. Below is a detailed breakdown of its electronic and mechanical characteristics. ### 1. Overview and Key Specifications The SR38-R-3S is characterized by its compact through-bore design, typically used in industrial automation and robotics. | Parameter | Specification | | :--- | :--- | | **Model Number** | SR38-R-3S | | **Outer Diameter** | 38 mm | | **Circuit Count** | 3 Circuits (indicated by "3S") | | **Current Rating** | Typically 2A - 10A per circuit (model dependent) | | **Voltage Rating** | 240 VAC / DC | | **Operating Speed** | 0 - 300 RPM | | **Contact Material** | Gold-to-Gold (Precious metals) | --- ### 2. Electronic Components & Construction #### A. The Rotating Interface (Rotor) The "R" in the model name usually signifies the rotating component. It consists of high-conductivity rings mounted on a central shaft. These rings are separated by insulating spacers to prevent short-circuiting between signals. #### B. The Brush Block (Stator) The brush block contains specialized wire brushes. In the SR38-R-3S, these are often **Gold-on-Gold** contacts. * **Gold Alloy:** Provides low electrical noise and minimal resistance. * **Low Friction:** Ensures a long lifespan with minimal wear debris. #### C. Wiring and Lead Wires The unit features color-coded lead wires (typically Teflon™ insulated) for both the stator and rotor sides. * **Signal Integrity:** Designed to handle sensitive signals (Ethernet, PLC, sensors) without significant EMI interference. * **Wire Gauge:** Usually 22 AWG or 26 AWG depending on the current capacity. --- ### 3. Applications The SR38 series is commonly found in the following electronic systems: 1. **CCTV Systems:** Providing continuous power and video feed to rotating cameras. 2. **Robotic Arms:** Allowing the "wrist" or "waist" to spin 360 degrees without tangling wires. 3. **Medical Equipment:** Used in rotary tables or scanning equipment. 4. **Wind Turbines:** Transmitting sensor data from the rotating blades to the stationary hub. --- ### 4. Technical Maintenance Considerations * **Dielectric Strength:** The insulation between circuits is usually rated for 500V @50Hz. * **Insulation Resistance:** $> 500M\Omega$ at 500VDC to ensure signal isolation. * **Electrical Noise:** Typically less than $10m\Omega$ during rotation. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific torque requirements for the SR38-R-3S?
    • ⤷ How does gold-to-gold contact compare to carbon brushes in slip rings?
    • ⤷ Can the SR38-R-3S handle high-frequency data transmission like 4K video?