SR24L-SMB-R
AI

The **SR24L-SMB-R** is a specific electronic component, typically categorized as a **Schottky Barrier Rectifier Diode**. These components are widely used for fast switching and low voltage drop applications in power management circuits.
---
## 1. Component Overview
The part number follows a standard nomenclature where "SR" stands for Schottky Rectifier, "24" usually denotes the voltage/current rating, and "SMB" refers to the physical package type.
### Technical Specifications
| Parameter | Value (Typical) |
| :--- | :--- |
| **Type** | Schottky Barrier Diode |
| **Continuous Forward Current ($I_F$)** | 2.0 Amperes |
| **Max Recurrent Peak Reverse Voltage ($V_{RRM}$)** | 40 Volts |
| **Forward Voltage Drop ($V_F$)** | ~0.50V (at rated current) |
| **Package Type** | SMB (DO-214AA) |
| **Mounting Type** | Surface Mount (SMD) |
| **Operating Temperature** | -55°C to +150°C |
---
## 2. Key Features
The SR24L-SMB-R is designed for efficiency and high-speed operation. Its primary electronic characteristics include:
* **Low Forward Voltage Drop:** This results in lower power loss compared to standard silicon diodes, making it ideal for battery-operated devices.
* **High Surge Capacity:** It can handle brief spikes in current without failing.
* **Fast Switching Speed:** Due to the Schottky barrier (metal-semiconductor junction), the reverse recovery time is negligible.
* **Guardring Protection:** Most SR-series diodes include a guardring for transient protection and high $dv/dt$ capability.
---
## 3. Package and Pinout (SMB)
The **SMB (DO-214AA)** is a standard surface-mount plastic package. It is larger than the SMA but smaller than the SMC package, offering a balance between power dissipation and board space.
* **Cathode Indication:** Marked by a color band on the body.
* **Anode:** The opposite terminal.
```text
CATHODE (-) ANODE (+)
[=======|----------------]
[=======| SR24L ]
[=======|----------------]
^-- Band marks Cathode
```
---
## 4. Common Applications
Due to its 2A / 40V rating, this part is commonly found in:
1. **DC-DC Converters:** Used as a freewheeling diode.
2. **Polarity Protection:** Preventing damage if batteries or power supplies are connected backward.
3. **Low Voltage Rectification:** In AC-DC adapters and power supplies.
4. **Clamping Circuits:** Protecting sensitive components from voltage spikes.
- ⤷
What are the main differences between the SMA
- ⤷ SMB
- ⤷ and SMC package sizes for this diode?
- ⤷ How does the 'L' in SR24L affect the low forward voltage characteristics?
- ⤷ Can this diode be used in a circuit with a reverse voltage higher than 40V?