công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • SPB1308-R32M

  • AI
    The **SPB1308-R32M** is a high-current, surface-mount (SMD) power inductor commonly used in DC-DC converters and voltage regulator modules. It belongs to a class of shielded power inductors designed for high reliability and low electromagnetic interference (EMI). --- ### 1. Technical Specifications Below are the typical specifications for the SPB1308-R32M: | Parameter | Specification | | :--- | :--- | | **Inductance** | 0.32 µH (Microhenries) | | **Tolerance** | ±20% | | **Current Rating (Isat)** | ~30A - 40A (Saturation Current) | | **DC Resistance (DCR)** | Very Low (typically < 1.0 mΩ) | | **Operating Temp** | -40°C to +125°C | | **Shielding** | Magnetically Shielded | | **Package Type** | SMD (Surface Mount Device) | --- ### 2. Key Internal Components & Materials To understand the electronic "parts" of this component, we must look at its construction: * **Core Material:** Usually made of a **Carbonyl Iron Powder** or a composite metal alloy. This material allows the inductor to handle high saturation currents without a sudden drop in inductance. * **Winding:** Features a heavy-gauge copper wire (often flat-wire or "rectangular" wire) to minimize the **DC Resistance (DCR)**. Low DCR is critical for reducing heat and improving efficiency. * **Molding/Shielding:** The coil is encapsulated in a magnetic metal powder resin. This "shielded" design prevents magnetic flux from leaking and interfering with nearby sensitive components on the PCB. * **Terminations:** Lead-free (RoHS compliant) tinned copper pads for robust soldering to the circuit board. --- ### 3. Common Applications Due to its high current handling and low profile, this part is found in: 1. **Motherboards & Servers:** Powering CPUs and GPUs (Vcore modules). 2. **Point of Load (POL) Converters:** High-efficiency buck converters. 3. **Battery Powered Systems:** Where energy loss (heat) must be minimized. 4. **Automotive Electronics:** Infotainment and driver assistance systems. --- ### 4. Circuit Symbol and Behavior In a schematic, it is represented by the standard inductor symbol. Its primary role is to store energy in a magnetic field and smooth out current ripples. ```text L1 (0.32uH) ----(UUUUUU)---- ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the significance of the 'R32' in the part number?
    • ⤷ How does saturation current (Isat) affect the performance of this inductor?
    • ⤷ What are the advantages of using flat-wire windings in this specific model?