công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • SP-MR-LR2-RDA

  • AI
    The **SP-MR-LR2-RDA** is a specialized electronic component, typically identified as a high-performance **Optical Transceiver Module**. It is designed for high-speed data communications, specifically for use in networking hardware like switches and routers. Below is a detailed breakdown of its electronic components and specifications. --- ### 1. General Specifications This module follows the **SFP+ (Small Form-factor Pluggable Plus)** or similar form factor standards, optimized for Long Range (LR) connectivity. | Feature | Specification | | :--- | :--- | | **Data Rate** | Typically 10Gbps to 25Gbps (depending on specific vendor implementation) | | **Wavelength** | 1310nm (Standard for LR/Long Reach) | | **Distance** | Up to 10km over Single-Mode Fiber (SMF) | | **Connector Type** | Duplex LC | | **Compliance** | RoHS, IEEE 802.3ae, SFF-8431 | --- ### 2. Core Electronic Subsystems The "parts" inside this module consist of several high-integration integrated circuits (ICs) and optical components: #### A. Optical Components (TOSA/ROSA) * **TOSA (Transmitter Optical Sub-Assembly):** Contains a **DFB (Distributed Feedback) Laser** diode. This converts electrical signals into optical pulses. * **ROSA (Receiver Optical Sub-Assembly):** Contains a **PIN Photodiode** and a **TIA (Transimpedance Amplifier)** to convert incoming light back into electrical current. #### B. The PCBA (Printed Circuit Board Assembly) * **Laser Driver:** An IC that provides the necessary modulation current to the TOSA. * **Limiting Amplifier:** Processes the signal from the ROSA to ensure a clean square-wave electrical output. * **EEPROM:** Stores identification data (Vendor name, Serial Number, Part Number) and configuration parameters that the host switch reads via the **I2C interface**. #### C. DDM/DOM (Digital Diagnostic Monitoring) The "RDA" suffix often implies support for real-time monitoring. This circuitry allows the network administrator to monitor: * Internal Temperature. * Supply Voltage. * Laser Bias Current. * Transmitted Optical Power. * Received Optical Power. --- ### 3. Pinout Logic The electrical interface uses a 20-pin connector. Key electronic signals include: ```markdown - VeeT/VeeR: Ground connections. - TX_Fault: Logic high indicates a laser failure. - TX_Disable: Logic input to turn off the laser. - SDA/SCL: Two-wire serial interface (I2C) for management. - RD+/- & TD+/-: Differential high-speed data lines. ``` --- ### 4. Hardware Application This part is commonly used in: 1. **Enterprise Networking:** Connecting core switches across buildings. 2. **Data Centers:** High-speed uplinks between racks. 3. **Telecommunications:** Base station connectivity in 5G/LTE backhaul.
    ✨ Follow-up Questions
    • ⤷ What is the power consumption range for this specific transceiver?
    • ⤷ Does the SP-MR-LR2-RDA support industrial temperature ranges?
    • ⤷ What is the difference between this LR module and an SR (Short Range) variant?