SP-2D-R/
AI

The **SP-2D-R** is a specific model of a **Miniature High-Voltage Power Supply** module, typically manufactured by companies like *Matsusada Precision*. These modules are designed to convert a low DC input voltage into a stable, high-precision high DC output voltage.
---
### 1. Key Technical Specifications
The "SP" series generally denotes a proportional high-voltage DC-DC converter. Below are the estimated specifications for the SP-2D-R model:
| Parameter | Typical Value |
|:--- |:--- |
| **Input Voltage** | 0 to +12V DC |
| **Output Voltage** | 0 to -2000V DC (Negative polarity) |
| **Output Current** | ~0.5 mA to 1.0 mA |
| **Control Method** | Input Proportional |
| **Mounting Type** | PCB Through-hole |
| **Dimensions** | Approx. 25mm x 15mm x 15mm (Compact) |
---
### 2. Internal Electronic Architecture
While the unit is encapsulated in epoxy for insulation, the internal circuitry consists of the following stages:
#### A. Input Filtering
- **Components:** SMD Capacitors and Inductors.
- **Function:** Reduces electromagnetic interference (EMI) and stabilizes the input 12V line.
#### B. Oscillator & Switching Circuit
- **Components:** High-frequency Transistors/MOSFETs.
- **Function:** Converts the DC input into a high-frequency AC signal (usually in the tens of kHz range) to allow for efficient transformation.
#### C. Step-Up Transformer
- **Components:** Ferrite core transformer with a high secondary-to-primary turn ratio.
- **Function:** Increases the low-voltage AC to several hundred or thousand volts AC.
#### D. Voltage Multiplier (Cockcroft-Walton Circuit)
- **Components:** High-voltage Diodes and Ceramic Capacitors.
- **Function:** Rectifies the AC back to DC while simultaneously "stacking" the voltage to reach the final -2000V output.
---
### 3. Pinout Configuration
Most modules in this series utilize a standard 5-pin or 4-pin layout:
1. **+Vin:** Positive input power (0-12V).
2. **GND:** Common ground for input and output.
3. **Vout:** High Voltage Negative Output (-2kV).
4. **Case/Shield:** Connected to GND to reduce noise.
---
### 4. Common Applications
Due to its small footprint and high stability, the SP-2D-R is used in:
* **Photomultiplier Tubes (PMT):** Providing the necessary negative bias.
* **Mass Spectrometry:** Ion source biasing.
* **Electrostatic Chucks:** Small-scale electrostatic manipulation.
* **Geiger-Müller Tubes:** Radiation detection biasing.
---
### 5. Safety Precautions
* **Insulation:** Ensure PCB trace clearance (creepage) for -2000V to prevent arcing.
* **Polarity:** The "R" in the model name often signifies **Reverse (Negative)** polarity. Ensure your load is compatible.
* **Discharge:** Capacitors inside the module can hold a charge even after power is removed.
- ⤷What is the difference between the SP-2D-R and the standard SP-2D model?
- ⤷ How do I calculate the ripple voltage for this high-voltage module?
- ⤷ What are the recommended PCB layout practices for 2kV isolation?