công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • SP-12-LR2-RDA

  • AI
    The **SP-12-LR2-RDA** is a high-performance, small form-factor pluggable optical transceiver module, typically used in fiber optic communications. Specifically, this part number refers to a **10G SFP+ LR (Long Reach)** transceiver. Below is a detailed breakdown of its electronic and physical characteristics. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Form Factor** | SFP+ (Small Form-factor Pluggable Plus) | | **Data Rate** | 10.3 Gbps (10 Gigabit Ethernet) | | **Wavelength** | 1310 nm | | **Fiber Type** | Single-Mode Fiber (SMF) | | **Max Distance** | 10 km (typical for LR standards) | | **Connector** | Duplex LC | | **Optical Components** | DFB Laser (Transmitter) & PIN Receiver | | **Monitoring** | DDM / DOM (Digital Diagnostic Monitoring) | --- ### 2. Internal Electronic Architecture The SP-12-LR2-RDA consists of several critical electronic sub-systems: #### A. The Transmitter Path (TX) * **Driver IC:** Converts the electrical differential signals (SFI interface) from the host switch into current pulses. * **DFB Laser (Distributed Feedback):** An electronic semiconductor that converts electrical energy into coherent light at 1310nm. * **APC (Automatic Power Control):** A feedback circuit that uses a monitor photodiode to ensure the laser output power remains constant regardless of temperature changes. #### B. The Receiver Path (RX) * **PIN Photodiode:** Detects incoming light pulses and converts them back into a weak electrical current. * **TIA (Transimpedance Amplifier):** Amplifies the weak current from the photodiode into a usable voltage signal. * **Limiting Amplifier:** Cleans up the signal and ensures the output to the host is at the correct logic levels. #### C. Control & Monitoring (DDM) The "RDA" suffix often implies support for **Digital Diagnostics Monitoring**. An internal microcontroller/EEPROM allows the host system to monitor real-time parameters via an **I2C serial interface**: * Module Temperature * Supply Voltage * Laser Bias Current * Transmitted Optical Power * Received Optical Power --- ### 3. Interface and Compatibility The module interacts with the host PCB through a 20-pin connector. ```c // Simplified Pin Mapping (SFP+ Standard) Pin 1 -> VeeT (Transmitter Ground) Pin 2 -> TX_Fault (Status Signal) Pin 3 -> TX_Disable (Control Input) Pin 4 -> SDA (I2C Data Line) Pin 5 -> SCL (I2C Clock Line) Pin 12 -> RD- (Receiver Differential Data) Pin 13 -> RD+ (Receiver Differential Data) Pin 18 -> TD+ (Transmitter Differential Data) Pin 19 -> TD- (Transmitter Differential Data) ``` --- ### 4. Environmental and Power * **Voltage:** Operates on a standard **3.3V** power supply. * **Power Consumption:** Typically low (under 1W to 1.5W), which is critical for high-density switches to prevent overheating. * **Compliance:** Fully compliant with MSA (Multi-Source Agreement) standards, ensuring it can work in various brands of networking equipment (Cisco, Juniper, HP, etc., depending on the EEPROM coding).
    ✨ Follow-up Questions
    • ⤷ What is the difference between SFP+ LR and SFP+ SR modules?
    • ⤷ How does DDM/DOM help in network troubleshooting?
    • ⤷ Can this module work on Multi-Mode Fiber (MMF) over short distances?