AI

## SN74CBT16811CDGGR Technical Overview
The **SN74CBT16811CDGGR** is a high-speed CMOS FET (Field-Effect Transistor) bus switch manufactured by Texas Instruments. It is designed to facilitate 24-bit bus switching or port exchange with minimal propagation delay.
---
### 1. General Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Texas Instruments |
| **Logic Family** | CBT (Cross-Bar Technology) |
| **Function** | 24-Bit FET Bus Switch |
| **Package Type** | TSSOP-56 (Thin Shrink Small Outline Package) |
| **Operating Voltage** | 4.0V to 5.5V |
| **Propagation Delay** | 0.25 ns (Max) |
| **Operating Temperature** | -40°C to +85°C |
---
### 2. Key Internal Components & Architecture
The device consists of two banks of 12-bit switches that can be controlled independently.
1. **N-Channel FETs**: The heart of the chip. When the switch is ON, the FET provides a low-resistance path between ports. When OFF, the FET provides high impedance (isolation).
2. **Output Enable ($\overline{OE}$)**: Active-low control pins.
* When $\overline{1OE}$ is low, the first 12 bits are connected.
* When $\overline{2OE}$ is low, the second 12 bits are connected.
3. **Level Shifting Support**: While primarily a switch, it can be used for 5V to 3.3V translation if used in conjunction with a series resistor or specific biasing.
---
### 3. Pin Configuration Summary
| Pin Group | Function | Description |
| :--- | :--- | :--- |
| **1A1 - 2A12** | Port A | Input/Output nodes for the A-bus. |
| **1B1 - 2B12** | Port B | Input/Output nodes for the B-bus. |
| **$\overline{1OE}, \overline{2OE}$** | Control | Enable/Disable switches for each 12-bit bank. |
| **VCC / GND** | Power | Standard power supply and ground pins. |
---
### 4. Why use this part?
* **Near-Zero Delay**: Because it uses a FET switch rather than a buffer/driver, it does not add significant timing delays to high-speed data lines.
* **Low Power Consumption**: Since it is CMOS-based, it consumes very little static power (typical $I_{CC}$ is in $\mu A$ range).
* **Bidirectional Operation**: Data can flow from A to B or B to A without a direction control pin.
---
### 5. Application Example (Code Concept)
While this is a hardware switch, it is often controlled by a microcontroller (MCU) or FPGA.
```c
// Example: Controlling the SN74CBT16811 via an MCU
#define OE_BANK1 5 // Pin connected to 1OE
#define OE_BANK2 6 // Pin connected to 2OE
void setup() {
pinMode(OE_BANK1, OUTPUT);
pinMode(OE_BANK2, OUTPUT);
// Disable both banks initially (High-Z)
digitalWrite(OE_BANK1, HIGH);
digitalWrite(OE_BANK2, HIGH);
}
void enable_bridge() {
// Connect A-bus to B-bus
digitalWrite(OE_BANK1, LOW);
digitalWrite(OE_BANK2, LOW);
}
```
- ⤷What is the difference between CBT and CBTLV logic families?
- ⤷ Can the SN74CBT16811 be used for hot-swapping applications?
- ⤷ What is the typical ON-resistance (Ron) for this specific FET switch?