công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • SN55152

  • AI
    ## Overview of the SN55152 The **SN55152** is a high-performance, dual-differential line receiver designed to meet the requirements of MIL-STD-188 and EIA standard RS-232-C. It is typically utilized in military and aerospace applications due to its extended temperature range and high reliability. --- ### Core Specifications and Features | Feature | Specification / Detail | | :--- | :--- | | **Device Type** | Dual Differential Line Receiver | | **Supply Voltage (Vcc)** | Typically ±12V to ±15V | | **Input Resistance** | 3 kΩ to 7 kΩ (High Impedance) | | **Common-Mode Range** | ±25V | | **Input Threshold** | Adjustable / Programmable | | **Temperature Range** | -55°C to 125°C (Military Grade) | | **Package Options** | CDIP, LCCC, or Flat Pack | --- ### Key Internal Components 1. **Differential Input Stage:** Designed to detect the voltage difference between two input lines. This allows for high noise immunity, as interference usually affects both lines equally (common-mode noise). 2. **Hysteresis Control:** Includes internal circuitry to prevent "chattering" (rapid switching) when the input signal is noisy or slow-moving. 3. **Output Driver:** Translates the differential signal into standard TTL/DTL logic levels, making it compatible with most digital processing units. 4. **Strobe Control:** Most versions include a "strobe" input which allows the user to enable or disable the receiver outputs, providing a way to multiplex data or save power. --- ### Pin Configuration (Standard 14-Pin Layout) The SN55152 usually follows a standard dual-channel pinout: ```text 1: Input 1A 8: Output 2 2: Input 1B 9: Strobe 2 3: Response Cont 1 10: Vcc- 4: GND 11: Response Cont 2 5: Strobe 1 12: Input 2B 6: Output 1 13: Input 2A 7: Vcc+ 14: NC (No Connection) ``` --- ### Functional Advantages * **Noise Rejection:** Because it is a differential receiver, it effectively rejects common-mode noise, which is critical in long-cable transmissions. * **Response Control:** The "Response Control" pin allows the addition of an external capacitor to filter high-frequency noise or to shift the input threshold. * **Fail-Safe Design:** It is designed to ensure the output remains in a known logic state (usually high) if the inputs are left open.
    ✨ Follow-up Questions
    • ⤷ What are the main differences between SN55152 and SN75152?
    • ⤷ How do you calculate the external capacitor for the Response Control pin?
    • ⤷ What are the typical applications for this receiver in modern systems?