SMS-R030-1.0
AI

The **SMS-R030-1.0** is a specific surface-mount **Current Sense Resistor** (Shunt Resistor) manufactured by **Isabellenhütte**. It is designed for high-precision current measurement in power electronics.
---
## 1. Component Specifications
The part number can be broken down to understand its core electronic characteristics:
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Resistance Value** | 0.030 $\Omega$ (30 m$\Omega$) | The fixed resistance used to create a voltage drop. |
| **Tolerance** | $\pm$ 1.0% | The allowable deviation from the nominal resistance. |
| **Power Rating** | 5 Watts | Maximum power dissipation at 70°C. |
| **Temperature Coefficient** | < 50 ppm/K | Stability of resistance over temperature changes. |
| **Package Size** | 2512 (approx.) | Surface mount device (SMD) footprint. |
---
## 2. Key Electronic Features
The SMS series is distinguished by its construction and stability features:
* **Manganin Technology:** The resistive element is made of Manganin, a copper-manganese-nickel alloy known for its extremely low temperature coefficient and long-term stability.
* **Low Inductance:** Designed with an inductance of $< 3$ nH, making it suitable for high-frequency switching applications.
* **Thermal EMF:** It exhibits very low Thermal EMF (Electromotive Force) against copper ($< 1 \mu V/K$), preventing measurement errors caused by temperature gradients across the solder joints.
* **High Pulse Power:** Due to its massive metallic construction, it can handle significant short-term pulse loads compared to standard thick-film resistors.
---
## 3. Application Circuitry
In an electronic circuit, the **SMS-R030-1.0** acts as a "Shunt." According to Ohm's Law ($V = I \times R$), the current is measured by reading the voltage drop across the resistor.
### Typical Implementation
```python
# Calculating Current from Voltage Drop
# R = 0.030 Ohms
def calculate_current(measured_voltage):
resistance = 0.030
current = measured_voltage / resistance
return current
# Example: If your ADC reads 60mV (0.060V)
# Current = 0.060 / 0.030 = 2.0 Amperes
```
---
## 4. Common Use Cases
1. **Battery Management Systems (BMS):** Monitoring charge/discharge cycles in lithium batteries.
2. **Motor Control:** Sensing phase current for BLDC or stepper motor drivers.
3. **DC/DC Converters:** Providing feedback for current-mode PWM controllers.
4. **Power Supplies:** Overcurrent protection and load regulation.
- ⤷
What are the soldering recommendations for the SMS-R030 to ensure accuracy?
- ⤷ How does the power derating curve affect this resistor at temperatures above 70°C?
- ⤷ What is the difference between a 2-terminal and a 4-terminal (Kelvin) layout for this part?