SML-R13BTT87P
AI

The **SML-R13BTT87P** is a high-brightness surface-mount (SMD) LED manufactured by **Rohm Semiconductor**. It belongs to the SML-R13 series, known for its compact "0603" (1608 metric) package size and high reliability.
---
### 1. Technical Specifications
The following table outlines the primary electrical and optical characteristics of the SML-R13BTT87P:
| Parameter | Specification |
| :--- | :--- |
| **Color** | Red |
| **Material** | AlGaInP (Aluminum Gallium Indium Phosphide) |
| **Package Size** | 1.6mm x 0.8mm (0603 inch / 1608 metric) |
| **Luminous Intensity** | 25 mcd to 63 mcd (typical) |
| **Forward Voltage ($V_F$)** | 1.9V (typical) |
| **Forward Current ($I_F$)** | 20mA (Max rating) |
| **Peak Wavelength** | 630 nm |
| **Operating Temperature** | -40°C to +85°C |
| **Mounting Type** | Surface Mount (SMD) |
---
### 2. Key Features
* **High Brightness:** Utilizes AlGaInP technology, which offers superior light output compared to older GaAsP technologies.
* **Compact Footprint:** The 0603 package is ideal for high-density circuit boards where space is limited.
* **Reliability:** Designed for industrial and consumer electronics with a stable operating temperature range.
* **Automotive Grade:** Often used in applications requiring AEC-Q101 equivalent reliability standards.
---
### 3. Pinout and Internal Structure
The device is a simple two-terminal diode. In the SMD package, the orientation is usually marked by a physical notch or a colored line on the underside/side of the component.
```markdown
[ Cathode (-) ] -------|<|------- [ Anode (+) ]
| |
Marked Side Plain Side
```
---
### 4. Common Applications
Due to its small size and red color, this LED is commonly found in:
1. **Status Indicators:** Power-on lights for laptops, routers, and chargers.
2. **Backlighting:** Lighting up buttons or LCD screens in handheld devices.
3. **Automotive Interiors:** Dashboard illumination and switch lighting.
4. **Consumer Electronics:** Wearables and smart home appliances.
---
### 5. Recommended Drive Circuit
To prevent damage, a current-limiting resistor must be used in series.
**Calculation Example:**
If using a 5V supply:
`R = (V_supply - V_f) / I_f`
`R = (5V - 1.9V) / 0.02A = 155 Ohms` (Use a standard **160Ω** or **180Ω** resistor).
- ⤷
What is the peak reflow soldering temperature for this LED?
- ⤷ Are there other color variations available in the SML-R13 series?
- ⤷ Does this part come in automotive-grade AEC-Q101 certification?