SML-R12U8T
AI

## SML-R12U8T Electronic Component Overview
The **SML-R12U8T** is a high-performance Surface Mount (SMD) Light Emitting Diode (LED) manufactured by **ROHM Semiconductor**. It belongs to the SML-R12 series, which is characterized by its compact size and high brightness.
---
### 1. Key Technical Specifications
The following table outlines the primary electrical and optical characteristics of the SML-R12U8T:
| Feature | Specification | Unit |
| :--- | :--- | :--- |
| **Color** | Red | - |
| **Wavelength** | 624 nm | nm |
| **Luminous Intensity** | 40 to 100 (Typical) | mcd |
| **Forward Voltage ($V_F$)** | 1.9 (Typical) | V |
| **Forward Current ($I_F$)** | 20 | mA |
| **Operating Temperature** | -40 to +85 | °C |
| **Package Size** | 0603 (1608 Metric) | inch (mm) |
---
### 2. Physical Dimensions & Construction
The SML-R12U8T is designed for automated assembly using SMT (Surface Mount Technology) processes.
* **Footprint:** 1.6mm x 0.8mm (Height: 0.8mm).
* **Encapsulation:** Clear transparent resin.
* **Material:** AlGaInP (Aluminium Gallium Indium Phosphide), which is the standard semiconductor material for high-efficiency red/orange/yellow LEDs.
---
### 3. Application Use Cases
Due to its small form factor and reliability, this LED is commonly used in:
1. **Consumer Electronics:** Status indicators for smartphones, wearables, and laptops.
2. **Automotive:** Dashboard illumination and button backlighting.
3. **Industrial:** Control panel signal lights and diagnostic indicators.
---
### 4. Implementation Example (Circuit)
To drive the SML-R12U8T safely from a 5V source, a current-limiting resistor is required.
```cpp
// Basic Calculation for Resistor (R):
// R = (V_source - V_forward) / I_forward
// R = (5V - 1.9V) / 0.020A = 155 Ohms
```
Typical circuit connection:
`[5V Supply] --> [150-180 Ohm Resistor] --> [Anode - SML-R12U8T - Cathode] --> [GND]`
---
- ⤷
What are the storage requirements (MSL rating) for the SML-R12U8T?
- ⤷ Can this LED be driven by a 3.3V microcontroller GPIO directly?
- ⤷ What is the peak forward current for pulse operations?