công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • SMDCHR1008-R39

  • AI
    The part number **SMDCHR1008-R39** typically refers to a **Wire-wound Surface Mount Device (SMD) Chip Inductor**. These components are essential in radio frequency (RF) and communication circuits for filtering, decoupling, and impedance matching. Below is a detailed breakdown of the electronic specifications and characteristics based on standard naming conventions for this series. --- ## 1. Part Number Breakdown | Segment | Identification | Description | | :--- | :--- | :--- | | **SMD** | Type | Surface Mount Device. | | **CHR** | Series | Ceramic High-Reliability / High Q wire-wound inductor series. | | **1008** | Case Size | Imperial size 1008 (Metric **2520**): approx. 2.5 x 2.0 mm. | | **R39** | Inductance Value | **0.39 µH** (390 nH). The 'R' acts as a decimal point. | --- ## 2. Technical Specifications These values are representative of high-quality wire-wound ceramic inductors like those from manufacturers like Coilcraft, Bourns, or Murata. ### Electrical Characteristics * **Inductance:** 0.39 µH (390 nH). * **Tolerance:** Commonly ±5% (J) or ±10% (K). * **Quality Factor (Q):** Typically high (Min 25–45 at 25 MHz), making it ideal for high-frequency stability. * **Self-Resonant Frequency (SRF):** Usually ranges between **375 MHz to 500 MHz**. * **DC Resistance (DCR):** Low resistance, typically between **0.8 Ω and 1.2 Ω** to minimize power loss. * **Rated Current:** Generally handles between **250 mA to 450 mA**. --- ## 3. Physical Construction ### Materials * **Core:** Ceramic (Non-magnetic). Ceramic cores provide excellent thermal stability and a high Self-Resonant Frequency because they do not suffer from the core losses found in ferrite. * **Winding:** Copper wire wound around the ceramic body. * **Terminations:** Usually silver-palladium-platinum or tin-plated for easy soldering. ### Advantages of 1008 Wire-Wound Type 1. **High Q Factors:** Much higher than multilayer chip inductors. 2. **Current Handling:** Better than thin-film or multilayer equivalents of the same size. 3. **Tight Tolerances:** The wire-wound process allows for more precise inductance values. --- ## 4. Typical Applications The SMDCHR1008-R39 is commonly found in: * **RF Transceivers:** Used in matching networks for antennas. * **Wireless Communication:** Bluetooth, Wi-Fi, and cellular modules. * **Filters:** Low-pass, high-pass, and band-pass filters for signal integrity. * **High-Speed Oscillators:** Providing stable inductance for frequency generation. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between a ceramic core and a ferrite core inductor in the 1008 size?
    • ⤷ How does the 'Q factor' affect the performance of this inductor in a filter circuit?
    • ⤷ What are the soldering profile recommendations for 1008 SMD components?