công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • SMDCHR1008-R10

  • AI
    The **SMDCHR1008-R10** is a specific surface-mount electronic component, typically categorized as a **Wire-wound Chip Inductor**. Below is a detailed breakdown of its technical specifications and characteristics. --- ### 1. Part Number Breakdown The nomenclature provides specific details about the component's size and value: | Segment | Meaning | Detail | | :--- | :--- | :--- | | **SMD** | Surface Mount Device | Designed for automated PCB assembly. | | **CHR** | Series Code | Often refers to High-Reliability or Ceramic-core Chip Inductors. | | **1008** | Case Size | Dimensions are approx. 0.10 x 0.08 inches (2.5 x 2.0 mm). | | **R10** | Inductance Value | **100nH** (0.10 µH). The "R" acts as a decimal point. | --- ### 2. Technical Specifications While exact values can vary slightly by manufacturer (such as Bourns, Coilcraft, or Murata), the standard parameters for an R10 1008 inductor are generally: | Parameter | Typical Value | | :--- | :--- | | **Inductance** | 100 nH (0.10 µH) | | **Tolerance** | ±5% (J) or ±10% (K) | | **DC Resistance (DCR)** | 0.20 – 0.50 Ohms (Max) | | **Rated Current (Idc)** | 400 mA – 600 mA | | **Self-Resonant Frequency (SRF)** | > 1000 MHz | | **Core Material** | Ceramic (for high-frequency stability) | --- ### 3. Key Features * **High Q Factor:** These parts are designed to maintain low loss at high frequencies. * **Wire-wound Construction:** Uses a copper wire wound around a ceramic core, providing better performance and higher current handling than multilayer types. * **Compact Footprint:** The 1008 size is ideal for high-density circuit boards where space is limited but performance is critical. ### 4. Common Applications Due to its high resonant frequency and low inductance, this part is commonly used in: 1. **RF Circuits:** Matching networks and filters for wireless communication. 2. **Signal Conditioning:** High-speed data lines to suppress noise. 3. **Mobile Electronics:** Power management modules in smartphones and tablets. 4. **Oscillators:** Frequency generation circuits. --- ### 5. Footprint (Dimensions) The **1008** package size follows these standard metric/imperial dimensions: * **Length:** 2.50 mm (0.100") * **Width:** 2.00 mm (0.079") * **Height:** ~1.60 mm (0.063")
    ✨ Follow-up Questions
    • ⤷ What is the difference between a ceramic core and a ferrite core inductor?
    • ⤷ How do I calculate the resonant frequency for this inductor?
    • ⤷ What are the common failure modes for wire-wound SMD inductors?