công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • SMDCHR0805-R15

  • AI
    ## Understanding the SMDCHR0805-R15 Component The part number **SMDCHR0805-R15** refers to a Surface Mount Device (SMD) thick film chip resistor, specifically designed for high-reliability or high-power applications depending on the manufacturer (often associated with current sensing). ### 1. Part Number Breakdown The nomenclature reveals the physical and electrical characteristics of the component: | Segment | Meaning | Description | | :--- | :--- | :--- | | **SMD** | Surface Mount Device | Designed for SMT (Surface Mount Technology) assembly. | | **CH** | Chip / Series | Often denotes a specific series (e.g., High Power or Current Sensing). | | **R** | Resistor | Identifies the component type. | | **0805** | Case Size | Dimensions in inches: 0.08" x 0.05" (Metric 2012). | | **R15** | Resistance Value | The 'R' acts as a decimal point. **0.15 Ohms (150 mΩ)**. | --- ### 2. Physical Specifications (0805 Package) The **0805** size is one of the most common footprints in modern electronics, providing a balance between ease of handling and board space efficiency. | Parameter | Imperial (in) | Metric (mm) | | :--- | :--- | :--- | | **Length (L)** | 0.08 ± 0.004 | 2.00 ± 0.10 | | **Width (W)** | 0.05 ± 0.004 | 1.25 ± 0.10 | | **Thickness (T)** | 0.02 ± 0.004 | 0.50 ± 0.10 | --- ### 3. Electrical Characteristics While exact specs can vary by brand (e.g., Yageo, Vishay, Panasonic), a typical **R15** resistor in an 0805 package usually meets the following: * **Resistance Value:** 0.15 Ω (Low resistance, often used for sensing). * **Power Rating:** Usually **0.125W (1/8 W)** to **0.25W (1/4 W)**. * **Tolerance:** Common variants are ±1% (F) or ±5% (J). * **Temperature Coefficient (TCR):** Typically ranges from ±100ppm/°C to ±400ppm/°C. * **Operating Temperature:** Generally -55°C to +155°C. --- ### 4. Typical Applications Because this is a low-resistance value (0.15Ω), it is rarely used for general pull-up/down tasks. Instead, it is used for: 1. **Current Sensing:** Measuring the voltage drop across the resistor to calculate current flow in power management circuits. 2. **Feedback Loops:** Used in DC-DC converters to monitor output current. 3. **LED Protection:** Limiting current in high-brightness LED strings. 4. **Battery Management Systems (BMS):** Monitoring charge and discharge rates. --- ### 5. Soldering & Assembly * **Land Pattern:** Requires a standard 0805 solder pad layout. * **Soldering Method:** Compatible with Reflow, Wave, and Manual soldering. * **Moisture Sensitivity:** Usually MSL 1 (Unlimited floor life). ---
    ✨ Follow-up Questions
    • ⤷What is the maximum current this resistor can handle if it is rated at 0.25W?
    • ⤷ How does an 0805 package compare to a 0603 package in terms of power dissipation?
    • ⤷ What is the difference between a thick film and a thin film resistor in current sensing applications?