AI

The part number **SMDCHR0603-R22** refers to a Surface Mount Device (SMD) high-current or high-frequency chip inductor. Below is a detailed breakdown of its specifications and physical characteristics.
### 1. Part Number Breakdown
| Component Segment | Definition | Description |
| :--- | :--- | :--- |
| **SMD** | Surface Mount Device | Designed for automated PCB assembly. |
| **CHR** | Series Type | Often indicates a "Chip High-Reliability" or "High-Current" inductor series. |
| **0603** | Package Size | Dimensions in inches (0.06" x 0.03"). |
| **R22** | Inductance Value | **0.22 µH** (R acts as a decimal point). |
---
### 2. Physical Specifications
The **0603** package size is one of the most common footprints in modern electronics.
* **Metric Equivalent:** 1608 (1.6mm x 0.8mm).
* **Dimensions:** Approximately 1.6mm (L) x 0.8mm (W) x 0.8mm (H).
* **Mounting:** Designed for SMT (Surface Mount Technology) soldering.
---
### 3. Electrical Characteristics (General Estimates)
*Values may vary slightly depending on the specific manufacturer (e.g., Bourns, Murata, TDK), but typically follow these ranges:*
* **Inductance:** 0.22 µH (Microhenries).
* **Tolerance:** Usually ±10% (K) or ±20% (M).
* **DC Resistance (DCR):** Very low, typically ranging from 0.05Ω to 0.3Ω to minimize power loss.
* **Rated Current:** Generally between 200mA and 1500mA, depending on whether it is a wire-wound or multilayer construction.
* **Self-Resonant Frequency (SRF):** High, often in the 200MHz to 500MHz range, making it suitable for high-frequency filtering.
---
### 4. Common Applications
Due to its small size and 0.22 µH inductance, this part is frequently used for:
1. **DC-DC Converters:** Small power modules in mobile devices.
2. **Noise Filtering:** Suppressing High-Frequency (HF) noise in signal lines.
3. **RF Circuits:** Matching networks or decoupling in wireless communication modules (Bluetooth, Wi-Fi).
4. **Decoupling:** Filtering power supply rails for Integrated Circuits (ICs).
---
### 5. Sample Land Pattern (Footprint)
If you are designing a PCB, the standard 0603 footprint is as follows:
```text
<-- 1.6mm -->
+-------------+
| [Pad] [Pad] |
+-------------+
^ 0.8mm width
```
- ⤷What is the current rating for a standard 0603 0.22uH inductor?
- ⤷ Can I substitute a 0805 size inductor for a 0603?
- ⤷ How do I calculate the ripple current for this inductor in a buck converter?