SMDCHR0603-R15
AI

The part number **SMDCHR0603-R15** typically refers to a Surface Mount Device (SMD) **Chip Inductor**. Breaking down the nomenclature helps in understanding its physical and electrical characteristics.
---
### 1. Part Number Breakdown
| Segment | Meaning | Description |
| :--- | :--- | :--- |
| **SMD** | Surface Mount Device | Designed for automated PCB assembly (SMT). |
| **CH** | Chip Inductor / High Frequency | Often denotes a ceramic core or high-Q chip series. |
| **R** | RoHS / Series Type | Varies by manufacturer, but usually signifies a standard series. |
| **0603** | Package Size | Physical dimensions: 0.06 x 0.03 inches (1.6 x 0.8 mm). |
| **R15** | Value (Inductance) | **0.15 µH** (or 150 nH). The "R" acts as a decimal point. |
---
### 2. Electrical Specifications
While specific values depend on the manufacturer (such as TDK, Murata, or Vishay), a standard **0.15 µH 0603 inductor** generally follows these parameters:
* **Inductance:** 150 nH (0.15 µH).
* **Tolerance:** Typically ±5% (J) or ±10% (K).
* **Self-Resonant Frequency (SRF):** Usually high, ranging from 500 MHz to 1.2 GHz.
* **DC Resistance (DCR):** Relatively low, often between 0.2Ω and 0.8Ω.
* **Rated Current:** Generally between 100mA and 400mA, depending on whether it is a wire-wound or multilayer construction.
---
### 3. Construction Types
Inductors in the 0603 form factor usually come in two construction styles:
1. **Multilayer Ceramic:** Used for high-frequency RF applications. They offer high SRF but lower current handling.
2. **Wire-Wound:** A tiny copper wire wound around a ceramic or ferrite core. These offer higher Q-factors and higher current ratings than multilayer types.
---
### 4. Typical Applications
The **R15 (150 nH)** value is commonly used in high-frequency circuits:
* **RF Matching Networks:** Impedance matching for antennas in Wi-Fi or Bluetooth modules.
* **Signal Filtering:** Low-pass or band-pass filters in telecommunications.
* **Decoupling:** Filtering high-frequency noise in power supply lines for sensitive ICs.
---
### 5. Footprint (0603 Metric 1608)
For PCB layout designers, the land pattern should account for the following dimensions:
```text
Length (L): 1.6mm ± 0.15mm
Width (W): 0.8mm ± 0.15mm
Height (H): 0.8mm ± 0.15mm
```
- ⤷
What is the difference between R15 and 150R in SMD markings?
- ⤷ How does the Q-factor of a wire-wound 0603 inductor compare to a multilayer one?
- ⤷ Can I substitute a 0805 size inductor for a 0603 if the inductance value is the same?