SMC1210-R22M
AI

The **SMC1210-R22M** is a specific surface-mount (SMD) wire-wound chip inductor. Its nomenclature reveals its physical size, electrical properties, and tolerance.
---
## 1. Technical Specifications
Below are the primary parameters associated with this component:
| Parameter | Specification | Note |
| :--- | :--- | :--- |
| **Type** | Wire-wound Chip Inductor | High reliability and high Q factor |
| **Case Size** | 1210 (Metric: 3225) | 3.2mm x 2.5mm x 2.2mm |
| **Inductance** | 0.22 µH (R22) | "R" represents the decimal point |
| **Tolerance** | ±20% (M) | Standard tolerance for high-current power inductors |
| **Mounting Type** | Surface Mount (SMD) | Designed for pick-and-place machines |
---
## 2. Deciphering the Part Number
The part number follows a standard industry naming convention:
* **SMC**: Series prefix (typically Surface Mount Chip inductor).
* **1210**: The EIA footprint size (1.2 inches by 0.10 inches).
* **R22**: The Inductance value. **R** acts as the decimal. R22 = 0.22.
* **M**: The tolerance code. **M** stands for ±20%.
---
## 3. Key Electronic Features
Inductors like the SMC1210-R22M are chosen for specific circuit behaviors:
### A. Frequency Response
Because it is a wire-wound inductor, it offers a relatively high **Self-Resonant Frequency (SRF)**. This means it maintains inductive behavior at high frequencies before becoming capacitive.
### B. DC Resistance (DCR)
The "1210" package size allows for a thicker wire than smaller 0603 or 0805 packages, resulting in lower DCR. This minimizes power loss and heat generation.
### C. Quality Factor (Q)
Wire-wound inductors generally have a higher Q factor compared to multilayer ceramic inductors, making them more efficient in RF and filter applications.
---
## 4. Typical Applications
* **DC-DC Converters:** Used as energy storage elements in power supplies.
* **EMI Filtering:** Suppressing high-frequency noise in power lines.
* **RF Matching:** Used in wireless communication circuits.
* **Consumer Electronics:** Found in smartphones, tablets, and laptops for power management modules.
---
- ⤷
What are the current rating (Amps) limitations for the 1210 package size?
- ⤷ How does a ±20% tolerance affect the performance of a DC-DC converter?
- ⤷ What is the difference between wire-wound and multilayer inductors in this size?