SMC1210-R15M
AI

The **SMC1210-R15M** is a surface-mount power inductor commonly used in electronic circuits for filtering, decoupling, and energy storage. Below is a detailed breakdown of its technical specifications and characteristics.
---
### 1. General Specifications
The part number typically follows a standard naming convention that describes its size and electrical properties:
| Feature | Specification | Description |
| :--- | :--- | :--- |
| **Component Type** | Fixed Inductor | Non-adjustable surface-mount device (SMD) |
| **Case Size** | 1210 (Metric 3225) | 3.2mm x 2.5mm physical footprint |
| **Inductance** | 0.15 µH | Indicated by "R15" (R acts as a decimal) |
| **Tolerance** | ±20% | Indicated by "M" |
| **Construction** | Wire-wound or Ferrite | Designed for high-frequency performance |
---
### 2. Electrical Characteristics
While specific values may vary slightly by manufacturer (such as Bourns or TDK), the standard 1210 0.15µH inductor generally follows these parameters:
* **Self-Resonant Frequency (SRF):** Typically very high (often >400 MHz), making it suitable for high-speed signal filtering.
* **DC Resistance (DCR):** Usually low (mΩ range) to minimize power loss and heat generation.
* **Rated Current (Idc):** The maximum current the inductor can handle before reaching a specific temperature rise or saturation point.
* **Operating Temperature:** Generally ranges from -40°C to +125°C.
---
### 3. Applications and Usage
This part is frequently found in the following electronic contexts:
1. **DC-DC Converters:** Used as a storage element in high-frequency switching power supplies.
2. **Noise Filtering:** Implemented in EMI/RFI suppression circuits to prevent high-frequency noise from entering or leaving a system.
3. **RF Circuits:** Due to the low inductance value (0.15µH), it is often used in impedance matching or decoupling in radio frequency applications.
4. **Consumer Electronics:** Found in smartphones, laptops, and tablets where space is at a premium.
---
### 4. Key Advantages
* **Small Footprint:** The 1210 size allows for high-density PCB layouts.
* **Durability:** The molded or wire-wound construction provides good mechanical strength and resistance to vibration.
* **Reflow Soldering:** Designed to withstand the high temperatures of standard SMD assembly processes.
---
- ⤷
What are the equivalent substitutes for the SMC1210-R15M from different manufacturers?
- ⤷ How does the 'M' tolerance impact the performance of a power supply circuit?
- ⤷ What is the maximum current rating typically associated with a 0.15uH 1210 inductor?