công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • SMA8VG-CC2-R

  • AI
    The **SMA8VG-CC2-R** is a specialized high-speed connector component, primarily used in RF (Radio Frequency) and microwave applications. It belongs to the **SMA (SubMiniature version A)** family, which is a semi-precision coaxial RF connector interface. --- ## Technical Overview The "SMA8VG-CC2-R" part number typically refers to a **Vertical Launch SMA Jack (Female)** designed for High-Speed Digital (HSD) and RF PCB layouts. Below is a breakdown of its key electronic characteristics: ### 1. Key Specifications Table | Feature | Specification | | :--- | :--- | | **Connector Type** | SMA Female (Jack) | | **Orientation** | Vertical / Straight (180°) | | **Mounting Type** | Surface Mount (SMT) or Compression Mount | | **Impedance** | 50 Ohms (Standard) | | **Frequency Range** | DC to 18 GHz (some variants reach 26.5 GHz) | | **Body Material** | Stainless Steel or Gold-Plated Brass | | **Dielectric** | PTFE (Teflon) | --- ### 2. Functional Components * **Center Contact:** Usually made of Beryllium Copper with Gold plating to ensure high conductivity and resistance to oxidation. * **Body/Shell:** The outer shell provides the ground connection and mechanical stability. The "R" in the suffix often denotes **RoHS compliance**. * **Dielectric Insulator:** The internal PTFE spacer maintains the 50-ohm characteristic impedance by keeping the center conductor centered relative to the outer shield. ### 3. Electronic Performance Features * **Low VSWR (Voltage Standing Wave Ratio):** Designed to minimize signal reflection, which is critical in high-speed data transmission (up to 28Gbps or higher). * **Vertical Launch Design:** Unlike right-angle connectors, the vertical launch allows for shorter signal paths from the PCB trace to the connector, reducing parasitic inductance and capacitance. * **Transition Geometry:** These parts are engineered to provide a smooth transition from the PCB microstrip or stripline to the coaxial environment of the cable. --- ### 4. Common Applications 1. **Test and Measurement:** Used on evaluation boards (EVBs) for high-speed ICs. 2. **Telecommunications:** 5G base station modules and backhaul equipment. 3. **Aerospace:** Satellite communication systems. 4. **High-Speed Computing:** Data center switches and routers. --- ### 5. Signal Integrity Considerations When using this part in a design, engineers must pay close attention to the **PCB Footprint**. The transition from the SMT pad to the internal layers must be optimized (via "stitching") to prevent impedance discontinuities that could degrade the signal at microwave frequencies.
    ✨ Follow-up Questions
    • ⤷ What is the recommended PCB footprint for the SMA8VG series?
    • ⤷ How does a vertical launch connector compare to an edge-launch connector in terms of signal integrity?
    • ⤷ Does this connector support frequencies above 20 GHz?