công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • SM120AF_15

  • AI
    ## SM120AF_15: Electronic Specifications and Overview The **SM120AF_15** (often referred to in the SM120A series) is a **Schottky Barrier Rectifier** diode. It is designed for use in low-voltage, high-frequency inverters, freewheeling, and polarity protection applications. Below is a detailed breakdown of its electronic characteristics. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical ratings for the SM120AF. | Parameter | Symbol | Value | Unit | | :--- | :--- | :--- | :--- | | **Maximum Repetitive Peak Reverse Voltage** | $V_{RRM}$ | 20 | V | | **Maximum RMS Voltage** | $V_{RMS}$ | 14 | V | | **Maximum DC Blocking Voltage** | $V_{DC}$ | 20 | V | | **Maximum Average Forward Rectified Current** | $I_{F(AV)}$ | 1.0 | A | | **Peak Forward Surge Current (8.3ms pulse)** | $I_{FSM}$ | 30 | A | | **Maximum Forward Voltage (at 1.0A)** | $V_F$ | 0.45 - 0.50 | V | | **Operating Junction Temperature Range** | $T_J$ | -55 to +125 | °C | --- ### 2. Physical and Mechanical Features * **Package Type:** SMAF (Surface Mount Device). The "AF" suffix typically refers to the **SMAF** package, which is a low-profile version of the standard SMA package, ideal for slim electronic designs. * **Case Material:** Molded plastic, UL Flammability Classification Rating 94V-0. * **Terminals:** Matte tin-plated leads, solderable per MIL-STD-750. * **Polarity:** Color band denotes cathode end. --- ### 3. Core Advantages 1. **Low Forward Voltage Drop:** The Schottky technology allows for a lower $V_F$ compared to standard silicon diodes, leading to higher efficiency and less heat generation. 2. **High Surge Capacity:** Capable of handling up to 30A of non-repetitive peak surge current. 3. **Fast Switching:** Extremely fast recovery time, making it suitable for high-frequency switch-mode power supplies (SMPS). 4. **Low Profile:** The SMAF package height is significantly lower than standard SMA, saving vertical space on PCBs. --- ### 4. Typical Applications * **DC-DC Converters:** Used as a catch diode or freewheeling diode. * **Battery Protection:** Prevents damage from reverse battery installation. * **AC-DC Adaptors:** Low voltage rectification. * **Portable Electronics:** Due to its small footprint and high efficiency. ---
    ✨ Follow-up Questions
    • What is the main difference between the SMA and SMAF package types?
    • How does the forward voltage drop of the SM120AF compare to a standard PN junction diode?
    • Can the SM120AF be used in circuits exceeding 20V?