SL15-M1KT-R
AI

## Technical Analysis of SL15-M1KT-R
The **SL15-M1KT-R** is a specific electronic component belonging to the **NTC (Negative Temperature Coefficient) Thermistor** category, manufactured by **Thinking Electronic Industrial (TKS)**. These devices are primarily used for inrush current limiting in power supplies and other electronic circuits.
---
### 1. Key Technical Specifications
Below are the primary electrical characteristics for this specific part:
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Part Number** | SL15-M1KT-R | Specific SKU |
| **Resistance at 25°C** | 15 $\Omega$ | Initial resistance at room temperature |
| **Tolerance** | ±20% (M) | Variance in resistance |
| **Diameter** | 15 mm | Physical size of the thermistor disk |
| **Max. Steady State Current** | ~4.0 A to 5.0 A | The maximum continuous current it can handle |
| **Residual Resistance** | ~0.4 $\Omega$ to 0.6 $\Omega$ | Resistance after reaching operating temp |
| **Operating Temp Range** | -40°C to +200°C | Thermal limits of the ceramic material |
---
### 2. Functional Principles
The SL15-M1KT-R operates as an **Inrush Current Limiter (ICL)**. Its function relies on the physics of NTC ceramics:
1. **High Cold Resistance:** When a device is first turned on, the thermistor is at ambient temperature ($25^\circ C$). Its $15\Omega$ resistance acts as a "buffer," preventing a massive surge of electricity from damaging sensitive components like bridge rectifiers or filter capacitors.
2. **Self-Heating Phase:** As current flows through the device, it heats up due to Joule heating ($P = I^2R$).
3. **Low Hot Resistance:** Because it is an NTC device, its resistance drops significantly as its temperature rises. Once the circuit reaches a steady state, the resistance becomes negligible (often less than $1\Omega$), allowing current to flow with minimal power loss.
---
### 3. Physical Construction & Coding
The part number can be broken down to understand its build:
* **SL:** Series designation (Inrush Current Limiter).
* **15:** Disk diameter (15mm). Larger diameters can handle higher energy pulses and steady-state currents.
* **M:** Resistance Tolerance (±20%).
* **150 (implied 15):** Resistance value in Ohms.
* **K/T/R:** Packaging and lead configuration (e.g., Kinked leads, Tape/Reel, or RoHS compliance).
---
### 4. Common Applications
These parts are typically found in the input stage of:
* **Switching Mode Power Supplies (SMPS)**
* **AC Motors**
* **LCD/LED Televisions**
* **Uninterruptible Power Supplies (UPS)**
* **LED Drivers**
---
- ⤷
What is the maximum energy rating (Joules) for the SL15-M1KT-R?
- ⤷ How does this thermistor compare to a 10D-15 model in terms of current handling?
- ⤷ What are the recommended mounting distances to prevent heat damage to adjacent components?