công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • SL10-M1JN-R

  • AI
    The **SL10-M1JN-R** is a specific part number belonging to the **SL10 Series** of industrial signal towers (stack lights), typically manufactured by **Patlite**. These components are widely used in automation and manufacturing to provide visual status indications. Below is a breakdown of its electronic and physical specifications. --- ## 1. Part Number Breakdown The nomenclature reveals the specific configuration of the unit: | Segment | Code | Meaning | | :--- | :--- | :--- | | **Series** | SL10 | 100mm Diameter LED Signal Tower | | **Mounting** | M1 | Flexible mounting (usually 3-screw or M12 connector type) | | **Connection** | J | Cable connection with specific wiring | | **Function** | N | Continuous light (No flashing/buzzer) | | **Color** | R | Red LED | --- ## 2. Electronic Specifications The SL10 series is designed for high visibility and durability in harsh environments. ### Power & Electrical Data * **Operating Voltage:** Typically **12-24V DC** (Verify on the specific label, as some M1 variants support 100-240V AC). * **Current Consumption:** Low power draw, usually between **40mA to 150mA** depending on the LED intensity and voltage. * **Light Source:** High-intensity LED (Light Emitting Diode). * **Flash Rate:** (For 'N' models) Continuous ON. ### Control Interface * **Wiring Type:** NPN/PNP Open Collector compatible. This allows the light to be driven directly by a PLC (Programmable Logic Controller) output. * **Connection:** Usually features a multi-core lead wire for power and signal. --- ## 3. Physical & Environmental Attributes These parts are engineered for industrial longevity. * **Ingress Protection:** **IP66** (Dust-tight and protected against powerful water jets). * **Material:** * *Lens:* Polycarbonate (Shock resistant). * *Body:* ABS Resin. * **Dimensions:** 100mm diameter, offering a larger surface area for long-distance visibility compared to standard 40mm or 60mm towers. * **Operating Temperature:** -20°C to +50°C. --- ## 4. Key Electronic Features * **Fresnel Lens Design:** The internal lens utilizes a specific Fresnel cut to diffuse LED light evenly, ensuring there are no "blind spots" when viewed from the side. * **Multi-mount Flexibility:** The "M1" designation often implies a versatile mounting bracket or a simplified wiring arrangement to reduce installation time. * **Maintenance Free:** Because it uses LEDs rather than incandescent bulbs, the component has a lifespan often exceeding 50,000 hours of continuous use. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact wiring diagram for the SL10-M1JN-R to a PLC?
    • ⤷ Does this model support an internal buzzer or sounder?
    • ⤷ What is the difference between the 'N' and 'B' suffix in Patlite SL series?