công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • SHT40-AD1F-R3

  • AI
    ## Overview of the SHT40-AD1F-R3 The **SHT40-AD1F-R3** is a high-precision digital humidity and temperature sensor manufactured by **Sensirion**. It belongs to the 4th generation of Sensirion’s environmental sensors, designed for low power consumption, high accuracy, and a small form factor. --- ### Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Interface** | I2C (Digital) | | **Supply Voltage (VDD)** | 1.08 V to 3.6 V | | **Current Consumption** | 0.25 µA (Idle), 80 µA (Average measurement) | | **RH Accuracy** | ±1.8% RH | | **Temperature Accuracy** | ±0.2 °C | | **Operating Range** | 0 to 100% RH; -40 to 125 °C | | **Package Type** | 4-pin DFN (Dual Flat No-leads) | | **Dimensions** | 1.5 x 1.5 x 0.5 mm | --- ### Core Electronic Components & Features #### 1. CMOSens® Technology The sensor integrates both the **sensing element** and the **signal processing circuitry** on a single CMOS chip. This integration minimizes noise and ensures high stability over long periods. #### 2. Digital Interface (I2C) The "AD1F" variant typically refers to a specific I2C address configuration. * **Standard Address:** 0x44. * **Communication:** Provides fully calibrated digital outputs, eliminating the need for external Analog-to-Digital Converters (ADCs). #### 3. Integrated Heater The chip includes a programmable internal power heater. This is used for: * **Self-decontamination:** Removing condensed water or volatile organic compounds (VOCs) in harsh environments. * **Creep compensation:** Maintaining accuracy in high-humidity conditions. #### 4. Power Management The device is optimized for battery-powered applications. It supports a wide supply voltage range (1.08V to 3.6V), making it compatible with modern low-voltage microcontrollers (MCUs) without needing level shifters. --- ### Pin Configuration (DFN-4) | Pin # | Name | Description | | :--- | :--- | :--- | | 1 | **SDA** | Serial Data (I2C) | | 2 | **SCL** | Serial Clock (I2C) | | 3 | **VDD** | Supply Voltage | | 4 | **VSS** | Ground | --- ### Typical Application Circuit To ensure stable operation, a simple decoupling capacitor and pull-up resistors are required: ```c // Schematic Representation [VDD] ----+-----------+------- (Supply 1.8V - 3.3V) | | [100nF] [10k Ohm Pull-ups] | | | [VSS] ----+ | | | | | [SHT40] [SDA] [SCL] ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the differences between the SHT40 and the older SHT3x series?
    • ⤷ How do you activate the integrated heater using I2C commands?
    • ⤷ What are the recommended reflow soldering profiles for this DFN package?