SHSP-1-R
AI

The **SHSP-1-R** is a specific electronic component typically classified as a **High-Voltage Reed Sensor** or a **Magnetic Proximity Switch**, often manufactured by companies like Standex Electronics (Meder).
Below is a detailed breakdown of its electronic characteristics and technical specifications.
---
### 1. Component Overview
The SHSP-1-R is designed for non-contact sensing. It operates using a reed switch hermetically sealed inside a plastic housing, triggered by the presence of a magnetic field.
| Feature | Description |
| :--- | :--- |
| **Type** | Magnetic Reed Sensor |
| **Contact Form** | Form A (Normally Open) |
| **Termination** | Wire Leads / Through-hole |
| **Housing** | Rectangular Plastic Case |
| **Switching Voltage** | High Voltage (Up to 1000V DC/AC) |
---
### 2. Key Electronic Specifications
These devices are known for their high isolation and ability to handle significant voltage despite their small size.
* **Switching Power:** Usually rated up to 100W.
* **Switching Current:** Typically 1.0A to 3.0A.
* **Breakdown Voltage:** High dielectric strength (often >2000V DC).
* **Contact Resistance:** Very low (under 150mΩ) due to precious metal plating on the internal reeds.
* **Operating Temperature:** -20°C to +85°C.
---
### 3. Internal Working Principle
The "Electronic Part" consists of two ferromagnetic blades (reeds) inside a glass envelope.
1. **Magnet Interaction:** When a permanent magnet moves within the "Pull-In" range, the magnetic flux causes the reeds to attract and touch.
2. **Circuit Completion:** Once the reeds touch, the electrical circuit is closed.
3. **Release:** When the magnet is removed, the mechanical tension of the reeds causes them to snap back to the open position.
---
### 4. Typical Applications
The SHSP-1-R is preferred in environments where environmental sealing is required or high voltages are present.
* **Industrial Safety:** Door and cover interlocks on high-voltage machinery.
* **Level Sensing:** Floating magnets in liquid tanks.
* **Security:** High-reliability window and door sensors.
* **Automation:** Limit switching in robotics.
---
### 5. Wiring Diagram (Logical)
The SHSP-1-R is a passive device and does not require power to operate; it acts as a simple switch.
```text
[ VCC / Load ] ----+---- [ SHSP-1-R ] ----+---- [ Ground / Circuit ]
| (Switch) |
| |
(Open when Magnet is Far / Closed when Magnet is Near)
```
- ⤷
What is the maximum switching current for the SHSP-1-R?
- ⤷ Can this sensor be used in explosive environments?
- ⤷ What is the typical magnetic sensitivity range for this part?