AI

The identifier **SH331M** typically refers to an **Aluminum Electrolytic Capacitor**. This alphanumeric code is a standard part numbering format used by electronic component manufacturers (like Samyoung, Lelon, or Samwha) to describe the component's specifications.
---
## 1. Breakdown of the Part Number
The code can be decoded into three specific segments:
| Segment | Value | Meaning |
| :--- | :--- | :--- |
| **SH** | Series Code | Represents the **Series Type**. "SH" usually denotes a standard or high-temperature (typically 105°C) radial lead series. |
| **331** | Capacitance Code | Represents the capacitance in Picofarads (pF). **33** followed by **1** zero = 330pF? No, in power electronics, this is usually **330µF**. |
| **M** | Tolerance | Represents a capacitance tolerance of **±20%**. |
### Capacitance Calculation
The value **331** uses a three-digit shorthand:
- First two digits: **33** (Significant figures)
- Third digit: **1** (Multiplier, $10^1$)
- Result: $330 \text{ microfarads (µF)}$
---
## 2. Technical Specifications
While the voltage rating is usually printed separately on the physical casing (e.g., 16V, 25V, 50V), a standard SH331M capacitor generally adheres to these specs:
### Electrical Characteristics
* **Type:** Polarized Electrolytic (must be installed with correct +/- orientation).
* **Capacitance:** 330µF.
* **Tolerance:** ±20% (Standard for electrolytic filters).
* **Temperature Rating:** Typically rated up to **105°C** (Standard for "SH" series).
---
## 3. Physical Construction
These components are usually "Radial" type, meaning both wire leads come out of the same end (the bottom).
| Feature | Description |
| :--- | :--- |
| **Casing** | Cylindrical aluminum "can" wrapped in an insulating sleeve. |
| **Safety Vent** | A "K" or "X" shaped score on the top to prevent explosion if the part fails. |
| **Polarity Mark** | A wide stripe (usually white or grey) on the side indicating the **Negative (-)** terminal. |
---
## 4. Common Applications
Because 330µF is a mid-range capacitance value, it is frequently used for:
1. **Power Supply Filtering:** Smoothing out ripples in DC voltage lines.
2. **Coupling/Decoupling:** Blocking DC while allowing AC signals to pass in audio or data circuits.
3. **Energy Storage:** Providing a small reservoir of power for sudden load spikes.
---
- ⤷
How do I determine the voltage rating of an SH331M if it isn't in the part number?
- ⤷ What is the difference between an SH series and an SS series capacitor?
- ⤷ How can I test if an SH331M capacitor is still functioning correctly?