AI

The **SFVLF10M7EBA0-R0** is a specialized electronic component manufactured by **Murata Electronics**. It belongs to the family of **Ceramic Filters**, specifically designed for Intermediate Frequency (IF) stage processing in communication devices.
---
## 1. Technical Specifications
The part number encodes specific characteristics defined by Murata's standard for SFV series filters.
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | Ceramic Filter (Ladder Type) |
| **Center Frequency** | 10.7 MHz |
| **Bandwidth (3dB)** | Typically ±110 kHz to ±150 kHz |
| **Insertion Loss** | Low (Specific to the "E" grade) |
| **Impedance** | 330 $\Omega$ |
| **Package Type** | Surface Mount Device (SMD) |
| **Application** | FM Receivers / Radio Tuners |
---
## 2. Key Internal Concepts
To understand how this part functions, it is important to look at its internal construction and purpose:
### A. Piezoelectric Effect
The device uses ceramic elements that exhibit the piezoelectric effect. It converts electrical signals into mechanical vibrations and back into electrical signals. Because these vibrations occur at a specific resonant frequency (10.7 MHz), only signals near that frequency are allowed to pass through.
### B. Intermediate Frequency (IF) Filtering
In a superheterodyne receiver, incoming high-frequency radio signals are down-converted to a fixed Intermediate Frequency. The SFVLF10M7EBA0-R0 acts as a "gatekeeper" at this stage:
* **Passband:** It allows the 10.7 MHz signal (the standard FM IF) to pass.
* **Stopband:** It rejects noise and adjacent channel interference.
---
## 3. Part Number Breakdown
Murata part numbers are descriptive. Here is the breakdown for the **SFVLF10M7EBA0-R0**:
1. **SFVLF**: Product series (Surface mount ceramic filter for FM).
2. **10M7**: Represents the center frequency of **10.7 MHz**.
3. **E**: Bandwidth/Characteristics code (defines the selectivity curve).
4. **BA0**: Internal design code for structural dimensions and matching impedance.
5. **R0**: Packaging code, typically indicating **Tape and Reel** (2,000 or 3,000 pieces per reel).
---
## 4. Usage Considerations
When designing a circuit with this part, engineers must consider:
* **Impedance Matching:** To prevent signal reflection and ensure a flat response, the input and output must be matched to **330 $\Omega$**.
* **Reflow Soldering:** As an SMD component, it is designed for automated pick-and-place and reflow soldering ovens.
* **Size:** The "LF" series is generally smaller than older through-hole ceramic filters, making it ideal for portable electronics.
---
- ⤷How does the impedance matching of 330 ohms affect the signal quality in FM circuits?
- ⤷ What are the common alternatives to Murata ceramic filters for 10.7 MHz applications?
- ⤷ Can this filter be used in digital communication protocols or only analog FM?