SFSKA4M50CF00-R3_V01
AI

The **SFSKA4M50CF00-R3** is a surface-mount (SMD) ceramic filter manufactured by **Murata Electronics**. It belongs to the **SFECV/SFVKA** series, specifically designed for use in intermediate frequency (IF) stages of FM receivers.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Center Frequency (fo)** | 4.500 MHz |
| **Bandwidth (3dB)** | ± 60 kHz min. |
| **Insertion Loss** | 6.0 dB max. |
| **Stop Band Attenuation** | 40 dB min. (at fo ± 1.0 MHz) |
| **Input/Output Impedance** | 1000 Ω |
| **Operating Temperature** | -20°C to +80°C |
| **Mounting Type** | Surface Mount (SMD) |
---
### 2. Functional Description
This component is a **Ceramic Filter**. Its primary job is to provide selectivity in an electronic circuit by allowing a specific band of frequencies to pass through while blocking unwanted noise or adjacent channel interference.
#### Internal Composition:
* **Piezoelectric Material:** It utilizes the mechanical vibration of a ceramic substrate to filter electrical signals.
* **Three-terminal Structure:** Usually consists of an Input, Output, and Ground terminal.
---
### 3. Common Applications
Due to its 4.5 MHz center frequency, this part is predominantly used in:
1. **TV Sound IF:** Extracting the audio carrier from a television signal.
2. **FM Radio Receivers:** Filtering the intermediate frequency for signal processing.
3. **Communication Equipment:** Narrow-band signal filtering in wireless devices.
---
### 4. Part Number Breakdown (Nomenclature)
* **SF:** Ceramic Filter
* **KA:** Series Code (High selectivity/Small size)
* **4M50:** Center Frequency (4.50 MHz)
* **CF00:** Design/Characteristic Code
* **R3:** Packaging (usually 3,000 pieces per reel)
---
### 5. Circuit Integration (Typical)
```mermaid
graph LR
A[Mixer Output] --> B[SFSKA4M50CF00]
B --> C[FM Demodulator/IC]
G[(Ground)] --- B
```
- ⤷
What are the equivalent alternative parts for this Murata filter?
- ⤷ How does the 1000 Ohm impedance affect the circuit design?
- ⤷ What is the recommended soldering profile for this SMD component?