công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • SFP-GC-R

  • AI
    ## Overview of the SFP-GC-R Module The **SFP-GC-R** is a specialized Small Form-factor Pluggable (SFP) transceiver module designed for **Gigabit Ethernet over Copper (RJ45)**. Unlike standard optical SFPs that use lasers, this module converts electrical signals from the host switch into signals compatible with Cat5/Cat6 twisted-pair cabling. --- ### Key Electronic Components The internal architecture of an SFP-GC-R consists of several critical electronic sub-systems: | Component | Function | | :--- | :--- | | **Physical Layer IC (PHY)** | The "brain" of the module. It handles the encoding/decoding of data and manages the interface between the SFP host and the copper wire. | | **Isolation Transformer** | A magnetic component that provides galvanic isolation between the RJ45 port and the internal circuitry to prevent ground loops and surge damage. | | **EEPROM** | A non-volatile memory chip storing identification data (Vendor ID, Serial Number, Part Number) and configuration settings required by the host switch. | | **Voltage Regulators (LDO/DC-DC)** | Converts the 3.3V power supplied by the host switch into lower voltages (e.g., 1.2V or 1.0V) required by the PHY chip. | | **Termination Resistors** | Used for impedance matching (typically 100 ohms) to ensure signal integrity and minimize reflections on the copper line. | --- ### Technical Specifications The electronic performance of the SFP-GC-R is governed by the **SFP Multi-Source Agreement (MSA)** and the **IEEE 802.3ab** standard. * **Interface Type:** RJ45 (Copper) * **Data Rate:** 10/100/1000 Mbps (Auto-negotiation supported) * **Max Distance:** Up to 100 meters over Cat5e/6/6a * **Supply Voltage:** 3.3V (± 5%) * **Power Consumption:** Typically 1.0W to 1.2W (Higher than optical SFPs due to the PHY chip power requirements). --- ### Signal Processing Path 1. **Host Side (SerDes Interface):** The module receives high-speed differential signals from the switch via the SFP gold-finger connector (1000Base-X). 2. **Conversion:** The internal **PHY IC** converts the 1000Base-X optical-logic signal into a 1000Base-T electrical signal. 3. **DSP & Equalization:** Because copper cables suffer from attenuation and crosstalk, the PHY uses Digital Signal Processing (DSP) to clean the signal. 4. **Output:** The signal passes through the **Magnetics (Transformer)** and exits via the **RJ45 pins**. --- ### Notable Electronic Features * **Auto-MDI/MDIX:** The internal circuitry can automatically detect and configure the transmit and receive pairs, eliminating the need for crossover cables. * **Hot-Pluggable:** Features specialized ground-first pins on the PCB to allow insertion/removal while the host device is powered on without damaging the electronics. * **EMI Shielding:** The metal housing acts as a Faraday cage to minimize Electromagnetic Interference, which is crucial for high-speed copper transmissions.
    ✨ Follow-up Questions
    • ⤷ How does the power consumption of SFP-GC-R compare to an optical SFP-SX module?
    • ⤷ What is the difference between SFP-GC-R and SFP-T modules?
    • ⤷ Can the SFP-GC-R support 10Gbps speeds or is it limited to 1Gbps?