công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • SFP-10G-LR-RGD-C

  • AI
    The **SFP-10G-LR-RGD-C** is a high-performance, ruggedized optical transceiver module. This specific part number follows the industry standard nomenclature for Cisco-compatible modules designed for industrial networking environments. --- ### 1. Technical Specifications Breakdown | Feature | Specification | | :--- | :--- | | **Form Factor** | SFP+ (Small Form-factor Pluggable Plus) | | **Data Rate** | 10.3 Gbps (10G Ethernet) | | **Media Type** | Single-Mode Fiber (SMF) | | **Wavelength** | 1310 nm | | **Max Distance** | 10 Kilometers | | **Connector** | LC Duplex | | **Temperature Range** | Industrial/Ruggedized (-40°C to 85°C) | --- ### 2. Key Electronic Components The internal architecture of the SFP-10G-LR-RGD-C consists of several critical electronic sub-systems that handle the conversion between electrical and optical signals. #### A. Optical Sub-Assemblies (OSA) * **TOSA (Transmitter Optical Sub-Assembly):** Houses a **1310nm DFB (Distributed Feedback) Laser**. Unlike cheaper Fabry-Perot lasers, the DFB laser provides a narrow spectral width necessary for the 10km long-reach (LR) transmission. * **ROSA (Receiver Optical Sub-Assembly):** Contains a high-sensitivity **PIN Photodiode** and a Transimpedance Amplifier (TIA) to convert incoming light pulses back into electrical currents. #### B. Integrated Circuits (ICs) * **Laser Driver:** Controls the TOSA, managing the bias current and modulation current to ensure consistent optical output across varying temperatures. * **Limiting Amplifier:** Processes the signal from the ROSA, squaring off the electrical waveform to ensure it meets the standard logic levels for the host switch. * **EEPROM/MCU:** A small memory chip that stores identification data (Vendor ID, Serial Number) and provides the interface for **DOM (Digital Optical Monitoring)**. #### C. Power Management * **Voltage Regulators:** The module operates on a **3.3V** supply. Internal filtering and regulation are essential to prevent electromagnetic interference (EMI) from affecting the high-speed data lanes. --- ### 3. What makes it "Ruggedized" (RGD)? The **RGD** suffix indicates that the electronic components are selected and tested for extreme environments: 1. **Industrial Temperature Support:** Standard modules operate between 0°C and 70°C. This module uses "I-Temp" components rated for **-40°C to +85°C**. 2. **Enhanced Thermal Dissipation:** The housing is often made of specialized zinc or nickel-plated metal to act as a more efficient heat sink. 3. **Hardened Circuitry:** The PCB (Printed Circuit Board) often features conformal coating or specialized soldering techniques to resist vibration and humidity common in outdoor or industrial cabinets. --- ### 4. DOM (Digital Optical Monitoring) This module supports the **SFF-8472** standard, allowing the host device (switch/router) to monitor real-time electronic parameters: * **TX Power:** Outgoing laser strength. * **RX Power:** Incoming light strength. * **Temperature:** Internal module temperature. * **Laser Bias Current:** Health of the DFB laser. * **Supply Voltage:** Stability of the 3.3V rail.
    ✨ Follow-up Questions
    • ⤷ What is the difference between SFP-10G-LR and SFP-10G-LR-RGD?
    • ⤷ Can this module be used with Multi-Mode Fiber (MMF) using a patch cord?
    • ⤷ What are the power consumption limits for this specific SFP+ module?