SFG2X-R0125
AI

The **SFG2X-R0125** is a specialized high-precision electronic component, typically categorized as a **Surface Mount (SMD) Current Sense Resistor** or a **Shunt Resistor**. These components are critical for power management, battery monitoring, and motor control circuits.
---
### 1. Key Technical Specifications
Based on the standard nomenclature for the SFG series, here are the primary technical attributes:
| Parameter | Typical Specification | Details |
| :--- | :--- | :--- |
| **Resistance Value** | 12.5 mΩ (0.0125 Ω) | Indicated by "R0125" |
| **Power Rating** | 2W - 5W | Depending on the specific package thermal design |
| **Tolerance** | ±1% or ±0.5% | High precision for accurate current measurement |
| **TCR** | ±50 ppm/°C to ±100 ppm/°C | Low Temperature Coefficient of Resistance |
| **Technology** | Metal Plate / Metal Element | Ensures stability under high current loads |
---
### 2. Physical Construction and "R0125" Meaning
The part number suffix **R0125** follows the standard resistance marking convention:
* **R** acts as the decimal point.
* **0125** represents the value in Ohms.
* Therefore, **R0125 = 0.0125 Ω or 12.5 milliohms**.
This low resistance value is designed to minimize power dissipation ($P = I^2 R$) while providing a measurable voltage drop ($V = I \times R$) for the controller to sense.
---
### 3. Core Functions in a Circuit
The SFG2X-R0125 serves three main purposes:
1. **Current Sensing:** It acts as a "shunt." By measuring the voltage drop across this resistor, a microcontroller or Analog-to-Digital Converter (ADC) can calculate the exact current flowing through the branch.
2. **Overcurrent Protection:** If the voltage across the resistor exceeds a predefined threshold, the system can trigger a shutdown to protect sensitive components.
3. **Feedback Control:** In DC-DC converters or LED drivers, it provides the feedback signal necessary to maintain a constant current output.
---
### 4. Typical Applications
* **Automotive Systems:** Battery Management Systems (BMS) and electronic power steering.
* **Industrial Power:** Inverters, motor drives, and switching power supplies.
* **Consumer Electronics:** Laptop power adapters and high-capacity power banks.
---
- ⤷
What is the maximum current capacity for a 12.5mΩ resistor rated at 3 Watts?
- ⤷ How does the Temperature Coefficient (TCR) affect the accuracy of the SFG2X-R0125?
- ⤷ Are there specific PCB layout requirements for mounting low-resistance shunt resistors?