công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • SFG2X-R001

  • AI
    The **SFG2X-R001** is a specialized electronic component primarily categorized as a **current sensing resistor** (also known as a shunt resistor). These components are designed to measure current flow by monitoring the voltage drop across a known resistance. --- ### 1. Technical Specifications Below are the typical characteristics associated with this part series: | Parameter | Specification (Typical) | | :--- | :--- | | **Component Type** | Current Sense / Shunt Resistor | | **Resistance Value** | 0.001 Ohms (1mΩ) | | **Power Rating** | Often 2W to 5W (Depending on specific package) | | **Tolerance** | ±1% or ±5% | | **Technology** | Metal Plate / Metal Element | | **Mounting Type** | Surface Mount (SMD) | --- ### 2. Key Features * **Ultra-Low Resistance:** With a value of **R001 (1 milli-ohm)**, it allows for high current measurement with minimal power loss ($P = I^2R$). * **High Stability:** Built using metal alloy elements to ensure a low Temperature Coefficient of Resistance (TCR), meaning the resistance doesn't change significantly as the part heats up. * **High Power Dissipation:** Designed to handle significant thermal loads despite its small footprint. * **Low Inductance:** Necessary for accurate high-frequency switching applications. --- ### 3. Application Areas The SFG2X-R001 is commonly integrated into circuits requiring precise power management: 1. **Battery Management Systems (BMS):** Monitoring charging and discharging currents in Lithium-ion packs. 2. **Motor Controllers:** Feedback loops for speed and torque control in DC motors. 3. **DC-DC Converters:** Over-current protection and voltage regulation. 4. **Power Inverters:** Used in solar or automotive electronics to track energy flow. --- ### 4. Interpretation of the Part Number * **SFG:** Series identifier (Specific to the manufacturer, often related to metal plate shunts). * **2X:** Size or power rating code (Often relates to a specific footprint like 2512 or 2725). * **R001:** The resistance value. The "R" acts as the decimal point ($0.001\Omega$).
    ✨ Follow-up Questions
    • ⤷ What is the maximum current capacity of the SFG2X-R001 based on its power rating?
    • ⤷ How does temperature coefficient (TCR) affect the accuracy of this shunt resistor?
    • ⤷ What are the recommended soldering footprints for the 2X package size?