SFECV10M7CQ0C01-R0_V01
AI

The **SFECV10M7CQ0C01-R0** is a high-performance **Ceramic Filter** manufactured by Murata Electronics. It is specifically designed for FM intermediate frequency (IF) stages in radio communication devices.
---
### 1. Key Technical Specifications
The part number follows a specific coding structure that defines its electrical characteristics:
| Parameter | Specification |
| :--- | :--- |
| **Center Frequency (fo)** | 10.700 MHz |
| **3dB Bandwidth** | 230 kHz ± 50 kHz |
| **Insertion Loss** | 3.0 dB ± 2.0 dB |
| **Selectivity** | 40 dB min. (at fo ± 400 kHz) |
| **Input/Output Impedance** | 330 $\Omega$ |
| **Package Type** | Surface Mount Device (SMD) |
| **Operating Temperature** | -20°C to +80°C |
---
### 2. Functional Description
This component utilizes the piezoelectric effect of ceramics to filter out noise and isolate the desired signal frequency.
* **Selectivity:** It acts as a "gatekeeper" in the IF stage, ensuring that only the 10.7 MHz signal (common in FM broadcasting) passes through while suppressing adjacent channel interference.
* **Chip Type (C-Series):** This specific series is known for its small footprint and thin profile, making it ideal for compact consumer electronics like smartphones, car stereos, and portable radios.
---
### 3. Part Number Breakdown (Nomenclature)
Understanding the alphanumeric code helps identify the variant:
* **SFECV:** Series name (SMD Ceramic Filter for FM).
* **10M7:** Center frequency (10.7 MHz).
* **CQ:** Indicates the bandwidth rank (standard 230kHz).
* **01:** Design code.
* **R0:** Indicates the packaging style (usually Tape & Reel).
---
### 4. Typical Applications
1. **Automotive Audio:** FM/AM car radio receivers.
2. **Home Audio:** Hi-Fi tuners and AV receivers.
3. **Communication Equipment:** Handheld transceivers and wireless data modules.
---
- ⤷
What is the difference between the CQ and HA bandwidth ranks in Murata filters?
- ⤷ Can this filter be used in AM radio applications
- ⤷ or is it strictly for FM?
- ⤷ What are the soldering precautions for this specific SMD ceramic package?