SFECF10M7HA00-R0
AI

## Overview: SFECF10M7HA00-R0
The **SFECF10M7HA00-R0** is a specific type of **Ceramic Filter** manufactured by **Murata Electronics**. It belongs to the CERALOCK® / SFECF series, which are surface-mount devices (SMD) primarily used as Intermediate Frequency (IF) filters in FM receivers.
---
### 1. Key Technical Specifications
| Parameter | Value / Specification |
| :--- | :--- |
| **Component Type** | Ceramic Filter |
| **Center Frequency** | 10.700 MHz |
| **Bandwidth (3dB)** | 280 kHz ± 50 kHz |
| **Insertion Loss** | 3.0 dB ± 2.0 dB |
| **Input/Output Impedance** | 330 $\Omega$ |
| **Operating Temperature** | -20°C to +80°C |
| **Package Type** | SMD (Surface Mount Device) |
| **Dimensions** | 3.45 x 3.10 x 1.40 mm |
---
### 2. Functional Description
Ceramic filters like the SFECF10M7HA00-R0 utilize the **piezoelectric effect**. The device converts electrical signals into mechanical vibrations and back into electrical signals. Because the material has a specific resonance, it only allows a narrow band of frequencies (centered around 10.7 MHz) to pass through, effectively filtering out noise and adjacent channel interference.
#### Role in Electronic Circuits:
* **IF Filtering:** It is the standard component for the 10.7 MHz Intermediate Frequency stage in FM radio circuitry.
* **Selectivity:** It helps the receiver distinguish between the desired radio station and signals on neighboring frequencies.
* **Size Reduction:** The SFECF series is designed to be extremely thin, making it ideal for compact portable electronics.
---
### 3. Part Number Breakdown (Nomenclature)
Understanding the Murata part number helps identify its specific characteristics:
* **SFECF:** Series name for Surface Mount Ceramic Filters (10.7MHz Small Type).
* **10M7:** Represents the Center Frequency (10.7 MHz).
* **HA00:** Refers to the specific passband characteristics and technical designators.
* **-R0:** Indicates the packaging style (usually Tape and Reel).
---
### 4. Typical Applications
1. **Consumer Electronics:** FM radio receivers in smartphones, portable MP3 players, and automotive head units.
2. **Communication Equipment:** Wireless data transceivers that utilize the 10.7 MHz IF stage.
3. **Tuners:** Digital and analog broadcasting tuners.
---
- ⤷
What are the recommended soldering profiles for this SMD ceramic filter?
- ⤷ How does the 330 Ohm impedance match with common FM receiver ICs?
- ⤷ Are there equivalent alternatives for the SFECF10M7HA00-R0 if it is out of stock?