công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • SFECF10M7GF00S0-R0

  • AI
    ## Detailed Overview of SFECF10M7GF00S0-R0 The **SFECF10M7GF00S0-R0** is a specific type of **Ceramic Filter** manufactured by **Murata Electronics**. It is part of the CERAIL® series, designed primarily for use in FM receivers to select the intermediate frequency (IF). --- ### 1. Technical Specifications The part number follows a specific nomenclature that defines its electronic characteristics: | Parameter | Specification | | :--- | :--- | | **Center Frequency (fo)** | 10.700 MHz | | **3dB Bandwidth** | 150 kHz ± 40 kHz | | **Insertion Loss** | 5.5 dB max. | | **Spurious Response** | 35 dB min. | | **Input/Output Impedance** | 330 $\Omega$ | | **Package Type** | SMD (Surface Mount Device) | | **Operating Temperature** | -20°C to +80°C | --- ### 2. Component Composition and Design These filters utilize the piezoelectric effect of ceramics to achieve high selectivity. * **Piezoelectric Element:** A ceramic substrate that vibrates at a specific frequency (10.7 MHz) when an electrical signal is applied. * **Monolithic Structure:** The "SFECF" prefix indicates a small, thin-profile chip filter structure suitable for high-density surface mounting. * **Electrode Material:** Usually silver (Ag) or a similar conductive material applied to the ceramic to facilitate connection. --- ### 3. Key Applications This component is essential in circuitry where signals need to be isolated from noise at the 10.7 MHz stage. 1. **FM Radio Receivers:** Used in the IF stage of car stereos and portable radios. 2. **Audio Equipment:** High-fidelity tuners. 3. **Communication Devices:** Any wireless receiver utilizing an FM modulation scheme. --- ### 4. Circuit Implementation In a typical circuit, the filter is placed between the mixer and the FM IF amplifier/limiter stage. ```mermaid graph LR A[Mixer Output] --> B[SFECF10M7 Filter] B --> C[IF Amplifier] C --> D[FM Demodulator] ``` **Design Note:** Since the input/output impedance is **330 $\Omega$**, designers must ensure impedance matching with surrounding components to prevent signal reflection and maintain the flat group delay necessary for low-distortion audio. ---
    ✨ Follow-up Questions
    • ⤷ What are the differences between the SFECF and SFELA series of filters?
    • ⤷ How does the '150 kHz bandwidth' affect the audio quality in an FM receiver?
    • ⤷ What are the recommended soldering profiles for this SMD ceramic filter?