SFECF10M7GA00S0-R0_V01
AI

The **SFECF10M7GA00S0-R0** is a high-performance surface-mount (SMD) ceramic filter manufactured by **Murata Electronics**. It is specifically designed for intermediate frequency (IF) stages in FM receivers.
---
### 1. Technical Specifications
The part number follows a specific nomenclature that defines its electrical characteristics:
| Parameter | Specification |
| :--- | :--- |
| **Center Frequency (fc)** | 10.700 MHz |
| **3dB Bandwidth** | 230 kHz ± 50 kHz |
| **Insertion Loss** | 3.0 dB to 4.5 dB (max) |
| **Input/Output Impedance** | 330 Ω |
| **Operating Temperature** | -20°C to +80°C |
| **Package Type** | Chip (SMD) - 3.45mm x 3.1mm |
---
### 2. Core Functional Components
This part functions as a **Bandpass Filter**. Its internal structure and operation rely on the following electronic principles:
* **Piezoelectric Element:** The core is a ceramic resonator made of PZT (Lead Zirconate Titanate). It converts electrical signals into mechanical vibrations and back, allowing only specific frequencies (near 10.7 MHz) to pass through.
* **Monolithic Structure:** The "SFECF" series uses a proprietary Murata design that integrates the electrodes and the ceramic material into a tiny chip, reducing parasitic capacitance.
* **Three-Terminal Configuration:**
1. **Input:** Where the modulated IF signal enters.
2. **Ground:** Central terminal for noise suppression and circuit reference.
3. **Output:** Where the filtered 10.7 MHz signal is sent to the FM discriminator or demodulator.
---
### 3. Application Circuitry
In a standard circuit, this filter is placed between the Mixer and the IF Amplifier. Because it has a specific impedance (330 Ω), matching resistors are often required if the IC impedance differs.
```cpp
// Typical Signal Flow
[Mixer Stage] -> [Matching Network] -> [SFECF10M7 Filter] -> [IF Amp/Limiter]
```
---
### 4. Key Advantages
* **Selectivity:** It provides sharp "skirts" (attenuation) to block neighboring radio stations, ensuring clear reception.
* **Size:** Its small SMD footprint makes it ideal for compact consumer electronics like smartphones, car stereos, and portable radios.
* **Stability:** High resistance to vibration and thermal drift compared to older through-hole (leaded) filters.
---
- ⤷
What is the difference between this 230kHz bandwidth model and a narrower 'E' type filter?
- ⤷ How do I calculate the matching network if my IC impedance is 1k Ohm?
- ⤷ Is this part compatible with lead-free reflow soldering processes?