SFECF10M7GA00S0-R0_17
AI

The **SFECF10M7GA00S0-R0** is a specific electronic component manufactured by **Murata Electronics**. It belongs to the category of **Ceramic Filters**, specifically designed for intermediate frequency (IF) stages in communication equipment.
---
### 1. Technical Specifications
The part number follows a specific nomenclature that defines its electrical characteristics:
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | Ceramic Filter (SFECF Series) |
| **Center Frequency (fc)** | 10.700 MHz |
| **3dB Bandwidth** | 280 kHz ± 50 kHz |
| **Insertion Loss** | 3.0 dB max. |
| **Input/Output Impedance** | 330 $\Omega$ |
| **Mounting Type** | Surface Mount (SMD) |
| **Operating Temperature** | -20°C to +80°C |
### 2. Physical Characteristics
The SFECF series is known for its miniature footprint, designed for high-density circuit board layouts.
* **Package Type:** Small Surface Mount Device (SMD).
* **Dimensions:** Typically measures 3.45 x 3.10 x 1.40 mm.
* **Terminals:** Lead-free plating, compliant with RoHS standards.
### 3. Key Features and Usage
The "10.7 MHz" filter is a industry-standard component used primarily in **FM Radio** and **Wireless Communication** systems.
* **Selectivity:** Its primary job is to "select" the desired frequency band (10.7 MHz) while rejecting unwanted noise and adjacent channel interference.
* **Applications:**
* FM broadcast receivers.
* Standard communication equipment (walkie-talkies).
* Remote keyless entry systems.
* Home audio systems.
### 4. Decoding the Part Number
* **SFECF:** Series name (SMD Ceramic Filter for FM).
* **10M7:** Center frequency (10.7 MHz).
* **GA00:** Specific design code (defines bandwidth and loss characteristics).
* **-R0:** Packaging code (usually indicates Tape and Reel).
---
- ⤷
What is the difference between this filter and a crystal oscillator?
- ⤷ How does the bandwidth affect the signal quality in an FM receiver?
- ⤷ Are there pin-compatible alternatives to the SFECF series?