The question interval is too short. Please try again in a few seconds.
SFECF10M7FA00S0-R0
AI
The **SFECF10M7FA00S0-R0** is a high-performance **Ceramic Filter** manufactured by **Murata Electronics**. It is specifically designed for FM intermediate frequency (IF) processing in various communication and audio devices.
---
### 1. General Specifications
This component belongs to the CERALOCK®/Ceramic Filter family and is primarily used for filtering specific frequencies while suppressing noise.
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Murata Electronics |
| **Center Frequency** | 10.7 MHz |
| **3dB Bandwidth** | 280 kHz ± 50 kHz |
| **Insertion Loss** | 3.0 dB max (at minimum loss point) |
| **Input/Output Impedance** | 330 $\Omega$ |
| **Package Type** | Surface Mount (SMD) |
| **Operating Temperature** | -20°C to +80°C |
---
### 2. Key Features
* **Small Footprint:** Its SMD design allows for high-density mounting in compact consumer electronics.
* **High Selectivity:** Excellent attenuation characteristics outside the passband to ensure clear signal reception.
* **Stability:** High thermal and mechanical stability compared to traditional LC filters.
* **Lead-Free:** Compliant with RoHS regulations.
---
### 3. Pin Configuration and Internal Structure
The device typically features a 3-terminal structure.
1. **Input (Pin 1):** Where the 10.7MHz IF signal enters.
2. **Ground (Pin 2):** Common ground for shielding and reference.
3. **Output (Pin 3):** Where the filtered signal exits to the next stage (usually the FM demodulator).
---
### 4. Typical Applications
The SFECF series is standard in the following sectors:
* **Home Audio:** FM Stereo tuners and Hi-Fi systems.
* **Car Electronics:** Car radio receivers (infotainment systems).
* **Communications:** Portable radio transceivers and wireless equipment.
---
### 5. Part Number Breakdown
Understanding the Murata naming convention for this part:
| Code | Meaning |
| :--- | :--- |
| **SFECF** | SMD Ceramic Filter for FM |
| **10M7** | 10.7 MHz Center Frequency |
| **FA00** | Bandwidth and specific electrical characteristics code |
| **S0** | Internal standard/packaging variation |
| **R0** | Tape and Reel packaging (Plastic tape $\phi$180mm) |
---
✨ Follow-up Questions
⤷What is the difference between SFECF and SFELA filter series?
⤷ How does impedance matching affect the performance of this ceramic filter?
⤷ Are there narrower bandwidth versions of this 10.7MHz filter available?