công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • SFECF10M7DA0001-R0

  • AI
    ## Analysis of SFECF10M7DA0001-R0 The **SFECF10M7DA0001-R0** is a high-performance **Ceramic Filter** manufactured by **Murata Electronics**. It belongs to the SFECF series, which is specifically designed for surface mount (SMT) applications in small electronic devices. --- ### 1. Key Technical Specifications | Property | Specification | | :--- | :--- | | **Manufacturer** | Murata Electronics | | **Component Type** | Ceramic Filter (BPF - Band Pass Filter) | | **Center Frequency** | 10.7 MHz | | **3dB Bandwidth** | 230 kHz ± 50 kHz | | **Insertion Loss** | 3.0 dB (max) | | **Input/Output Impedance** | 330 $\Omega$ | | **Package / Case** | SMD (Surface Mount Device), 3423 metric | | **Operating Temperature** | -20°C to +80°C | --- ### 2. Part Number Breakdown The alphanumeric code provides specific details about the component's construction: * **SFE**: Ceramic Filter for FM. * **CF**: Category / Series (Chip type). * **10M7**: Nominal Center Frequency (10.7 MHz). * **D**: Bandwidth characteristics (D usually signifies a specific passband range, in this case, around 230kHz). * **A0001**: Internal design/revision code. * **R0**: Packaging code (usually refers to Tape and Reel). --- ### 3. Functional Use & Features This component is primarily used in **FM Receiver** circuits. Its role is to allow the 10.7 MHz Intermediate Frequency (IF) signal to pass through while attenuating (blocking) unwanted frequencies outside the 230 kHz window. #### Features: * **Miniaturization:** Its thin profile and small footprint are ideal for compact consumer electronics. * **Selectivity:** High rejection of adjacent channel interference. * **Stable Performance:** Uses piezoelectric ceramics to maintain frequency stability despite temperature fluctuations. --- ### 4. Common Applications 1. **Consumer Radio:** FM tuners in stereos and portable radios. 2. **Automotive:** Car infotainment systems and FM radio modules. 3. **Communication Equipment:** Wireless receivers that utilize a 10.7 MHz IF stage. ---
    ✨ Follow-up Questions
    • ⤷ What are the typical soldering requirements for this SMD ceramic filter?
    • ⤷ How does the bandwidth of the 'D' version compare to the 'L' version in Murata filters?
    • ⤷ Can this filter be used in AM radio applications
    • ⤷ or is it strictly for FM?