SF-1206SA-R
AI

## Overview of SF-1206SA-R
The **SF-1206SA-R** is a high-performance surface-mount fuse part of the SinglFuse™ product line manufactured by **Bourns**. It is specifically designed as a **Slow Blow (Time Delay)** fuse in a standard 1206 package size, making it ideal for protecting circuits against temporary surges while providing overcurrent protection.
---
### Technical Specifications
The following table outlines the key electrical and physical characteristics of the SF-1206SA-R series:
| Property | Specification |
| :--- | :--- |
| **Package Size** | 1206 (3216 Metric) |
| **Fuse Type** | Slow Blow / Time Delay |
| **Rated Current Range** | 0.5A to 8.0A (varies by specific model suffix) |
| **Rated Voltage** | 63V DC (Standard for the series) |
| **Operating Temperature** | -55°C to +125°C |
| **Material** | Ceramic Tube / Silver Plated Terminals |
| **Interrupt Rating** | 50A @ 63V DC |
---
### Key Features and Construction
1. **Time Delay Characteristics:**
The "SA" designation indicates a slow-blow profile. This allows the fuse to withstand high inrush currents (such as those seen during motor startup or capacitor charging) without "nuisance tripping," while still opening if a sustained overcurrent occurs.
2. **Ceramic Multilayer Design:**
Unlike thin-film fuses, the ceramic construction provides better thermal stability and physical robustness, allowing it to handle higher voltages and power densities.
3. **SMD Compatibility:**
Its 1206 footprint is compatible with standard automated "pick and place" assembly equipment and lead-free reflow soldering processes.
---
### Common Applications
Due to its slow-blow nature and compact size, the SF-1206SA-R is commonly found in:
* **Power Supplies:** DC-DC converters and battery chargers.
* **Consumer Electronics:** Laptops, tablets, and LED lighting drivers.
* **Industrial Controls:** Protecting sensors and small motor circuits.
* **Telecom:** Line cards and networking equipment.
---
### Part Number Breakdown
| Segment | Meaning |
| :--- | :--- |
| **SF** | SinglFuse™ Product Category |
| **1206** | Package Size (0.12 x 0.06 inches) |
| **SA** | Slow Blow, High Inrush Current Withstand |
| **-R** | RoHS Compliant and Halogen Free |
- ⤷
What is the difference between the SA (Slow Blow) and FA (Fast Acting) series in the 1206 footprint?
- ⤷ How do I calculate the correct I2t value for selecting this fuse?
- ⤷ What are the recommended soldering profiles for ceramic SMD fuses?