công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • SES-2CC-R/E

  • AI
    The **SES-2CC-R/E** is a specific model of an **Electronic Safety Sensor** (typically a non-contact magnetic or coded safety switch) used in industrial automation to monitor the status of guards, doors, or gates. Below is a breakdown of its technical characteristics and electronic components. --- ### 1. General Specifications The device functions as a safety interlock. It ensures that a machine cannot run unless the sensor and its corresponding actuator are in close proximity. | Feature | Description | | :--- | :--- | | **Type** | Non-contact Coded Safety Sensor | | **Output Type** | 2NC (Normally Closed) + 1NO (Normally Open) logic common | | **Enclosure Material** | Stainless Steel (R/E variants often denote rugged/environmental builds) | | **Sensing Distance** | Typically 5mm to 10mm (OFF distance ~15mm) | | **Connection** | M12 Connector or hardwired cable (model dependent) | --- ### 2. Electronic Components and Logic The internal circuitry of the SES-2CC-R/E is designed for **redundancy** and **fail-safety**. #### A. Coded Magnetic Elements Unlike a simple reed switch, "Coded" sensors use a specific arrangement of magnets. The sensor body contains multiple internal switches that must be triggered in a specific sequence or polarity by the actuator. This prevents someone from bypassing the safety system with a standard hardware store magnet. #### B. Switching Elements * **Dual Channels:** It features two independent safety circuits (2NC). In a safety system, these are monitored by a safety relay. If one channel fails, the other remains active to stop the machine. * **Auxiliary Contact:** The "1NO" component is typically used for status signaling to a PLC (Programmable Logic Controller) to indicate that the door is open, but it is **not** used for the safety circuit itself. #### C. Internal Protection * **Reverse Polarity Protection:** Prevents damage if the DC power is wired backwards. * **Short Circuit Monitoring:** When paired with a safety evaluation unit, the electronics can detect "cross-faults" (shorts between the two safety channels). --- ### 3. Wiring Configuration (Typical) Most SES series sensors follow a standardized color code for their internal electronic leads: ```yaml Wiring_Logic: Brown_White: "Safety Channel 1 (NC)" Blue_Black: "Safety Channel 2 (NC)" Green_Yellow: "Auxiliary / Ground (Optional)" ``` --- ### 4. Application Environment The **"R/E"** suffix often refers to the **Rugged/Environmental** rating. * **IP67/IP69K:** The electronics are fully encapsulated in resin, making them waterproof and resistant to high-pressure washdowns. * **Stainless Steel Housing:** Used in food processing or pharmaceutical industries where chemical cleaning agents would corrode plastic sensors.
    ✨ Follow-up Questions
    • ⤷ What is the maximum switching voltage for the SES-2CC-R/E safety sensor?
    • ⤷ How do you test the redundancy of the dual-channel outputs?
    • ⤷ Which safety relay brands are most compatible with this specific sensor?