SES-2CA-R/E2
AI

The **SES-2CA-R/E2** is a high-performance, compact photoelectric sensor, typically manufactured by companies like **Azbil (formerly Yamatake)**. It belongs to a category of modular sensors where the sensing head is separated from the amplifier unit.
Below is a breakdown of its electronic specifications, operating principles, and physical characteristics.
---
## 1. Core Technical Specifications
The electronics of the SES-2CA-R/E2 are designed for high-speed detection and industrial reliability.
| Feature | Specification |
| :--- | :--- |
| **Detection Method** | Thru-beam (Requires a separate emitter/receiver) |
| **Light Source** | Infrared LED |
| **Power Supply** | 12 to 24 V DC ±10% |
| **Current Consumption** | Max 30 mA |
| **Output Type** | NPN Open Collector (typically) |
| **Response Time** | Max 1.5 ms |
| **Indicator** | Red LED (Operation Indicator) |
---
## 2. Key Electronic Components
### A. The Optical Emitter/Receiver
As a **thru-beam** type sensor, the electronic circuit is split into two parts:
* **Emitter:** Uses an Infrared (IR) LED to pulse a beam of light. Pulsing helps the sensor distinguish its own light from ambient light (noise).
* **Receiver:** Uses a phototransistor or photodiode to detect the IR beam.
### B. The Amplifier Circuit
This specific model often refers to the **sensing head**. The electronic signals are processed to determine if the "Light" is received or "Dark" (interrupted).
* **Sensitivity Adjustment:** Contains a potentiometer to tune the distance and object transparency detection.
* **Control Output:** The NPN open collector can switch loads up to 100mA, making it compatible with PLCs (Programmable Logic Controllers).
---
## 3. Wiring and Connection
The SES-2CA-R/E2 usually employs a multi-core cable for its electronic interface.
| Wire Color | Function | Description |
| :--- | :--- | :--- |
| **Brown** | +V | Positive power supply (12-24V DC) |
| **Blue** | 0V | Common / Ground |
| **Black** | Output | Control output signal (NPN) |
| **Pink** | Mode Selection | Light-ON / Dark-ON selection (depending on sub-model) |
---
## 4. Operational Environment
The electronic parts are encapsulated to withstand industrial conditions:
* **Protection Rating:** Usually IP66 or IP67 (Dust-tight and water-resistant).
* **Circuit Protection:** Includes reverse polarity protection and short-circuit protection to prevent damage during installation.
---
- ⤷
What is the maximum sensing distance for the SES-2CA-R/E2?
- ⤷How do I switch between Light-ON and Dark-ON modes on this sensor?
- ⤷Can this sensor be used with a PNP logic PLC?