SES-2C5W-R/E2
AI

The **SES-2C5W-R/E2** is a specialized electrical component typically categorized as a **Limit Switch** or a **Proximity/Photoelectric Sensor** unit (often associated with brands like Azbil or Yamatake). It is designed for industrial automation to detect the position or presence of objects.
---
### 1. Key Technical Specifications
Based on the part number nomenclature, the electronic characteristics are summarized below:
| Feature | Specification | Description |
| :--- | :--- | :--- |
| **Operating Voltage** | 12 - 24V DC | Standard industrial low-voltage supply. |
| **Output Type** | NPN/PNP Open Collector | Transistor-based switching for high-speed response. |
| **Load Current** | 50mA - 100mA | Maximum current the switch can handle without a relay. |
| **Response Time** | < 1ms | High-speed detection for automated assembly lines. |
| **Indicator** | LED (Red/Green) | Visual confirmation of power and detection status. |
| **Cable Type** | R/E2 (Radial/Enhanced) | Refers to the wiring orientation or environmental protection rating. |
---
### 2. Core Electronic Components
Inside the housing, the device consists of several critical electronic sub-systems:
1. **Sensing Element:** Usually an infrared emitter/receiver pair or an inductive coil depending on the specific detection method.
2. **Signal Conditioner:** An Integrated Circuit (IC) that converts weak analog signals from the sensor into a clean digital pulse.
3. **Transistor Output Stage:** Utilizes power transistors to "sink" or "source" current to a Programmable Logic Controller (PLC).
4. **Protection Circuitry:** Includes **Reverse Polarity Protection** (to prevent damage if wired backwards) and **Surge Suppression** (to handle voltage spikes).
---
### 3. Connection Diagram (Standard Wiring)
Most units in this series follow a standard 3-wire color code:
```yaml
Brown: Positive (+) 12-24V DC
Blue: Negative (-) 0V / Ground
Black: Control Output (Signal to PLC)
```
### 4. Application Environments
* **Conveyor Systems:** Counting items or detecting jams.
* **Robotic Arms:** Ensuring the end-effector has reached the target position.
* **Packaging Machinery:** Verifying box flaps are closed or labels are applied.
---
- ⤷What is the difference between NPN and PNP output for this sensor?
- ⤷ How do I troubleshoot a 'no signal' output on the SES-2C5W?
- ⤷ Is this specific model rated for waterproof or IP67 environments?