SES-2C5W-R/E
AI

The **SES-2C5W-R/E** is a high-performance **Step-Down (Buck) DC-DC Converter Module** commonly utilized in industrial automation, telecommunications, and distributed power systems. It is designed to convert a higher input voltage into a regulated 5V output with high efficiency.
---
### ## Technical Specifications
The following table outlines the primary electrical characteristics of the SES-2C5W-R/E:
| Feature | Specification |
| :--- | :--- |
| **Input Voltage Range** | 18V - 36V DC (Standard 24V Nominal) |
| **Output Voltage** | 5V DC |
| **Output Current** | 1.0A (Max) |
| **Power Rating** | 5 Watts |
| **Efficiency** | ~82% - 85% |
| **Isolation Voltage** | 1500V DC (Input to Output) |
| **Package Type** | DIP (Dual In-line Package) or SIP |
---
### ### Key Electronic Components & Internal Features
The module is composed of several critical electronic sub-systems integrated into a compact, shielded brick:
1. **PWM Controller IC**: This is the "brain" of the module. It regulates the output voltage by adjusting the pulse width of the switching frequency to compensate for load or input changes.
2. **MOSFET Switches**: High-speed metal-oxide-semiconductor field-effect transistors are used to toggle the input power, minimizing heat dissipation compared to linear regulators.
3. **Power Inductor**: Acts as the energy storage element during the switching cycle to smooth out the current delivered to the load.
4. **Input/Output Capacitors (MLCC/Electrolytic)**:
* **Input:** Filters out noise and protects against voltage spikes.
* **Output:** Minimizes ripple voltage to ensure a "clean" 5V supply for sensitive electronics.
5. **Isolation Transformer**: Provides galvanic isolation between the input and output stages, protecting low-voltage logic circuits from high-voltage input transients.
---
### ### Protection Mechanisms
The SES-2C5W-R/E includes built-in safety features to prevent hardware failure:
* **Short Circuit Protection (SCP):** Continuous, self-recovering protection against output shorts.
* **Over Current Protection (OCP):** Limits the output current to prevent internal component overheating.
* **Under-Voltage Lockout (UVLO):** Ensures the module does not operate until the input voltage reaches a stable threshold.
---
### ### Typical Application Circuit
When integrating this part into a PCB, a basic external filter is often recommended:
```c
[Input +] ---- [Fuse] ---- [C1: Input Capacitor] ---- [ Vin+ SES-2C5W-R/E Vout+ ] ---- [C2: Output Capacitor] ---- [Load]
[Input -] ------------------------------------------- [ Vin- Vout- ] ---------------------------- [GND]
```
- ⤷
What are the specific pinout dimensions for the SES-2C5W-R/E package?
- ⤷ How does the efficiency of this module change under light load conditions?
- ⤷ Can this module be connected in parallel for higher current output?