công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • SES-2B4W-R/

  • AI
    The **SES-2B4W-R** is a specific electronic component, typically categorized as a **Bi-Directional TVS (Transient Voltage Suppression) Diode Array**. It is designed to protect sensitive electronic circuits from Electrostatic Discharge (ESD) and lightning-induced surge voltages. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical characteristics of the SES-2B4W-R: | Parameter | Symbol | Value (Typical) | | :--- | :--- | :--- | | **Reverse Stand-Off Voltage** | $V_{RWM}$ | 5.0 V | | **Breakdown Voltage** | $V_{BR}$ | 6.0 V (Minimum) | | **Clamping Voltage** | $V_C$ | < 12 V (@ $I_{PP}$ = 1A) | | **Peak Pulse Power** | $P_{PP}$ | 100 - 150 Watts (8/20μs) | | **Junction Capacitance** | $C_J$ | ~0.5 pF to 1.0 pF | | **Polarity** | - | Bi-Directional | | **Package Type** | - | SOT-363 / DFN (depending on mfg) | --- ### 2. Functional Description The SES-2B4W-R acts as a "safety valve" for high-speed data lines. * **ESD Protection:** It is rated for high levels of ESD immunity, often exceeding IEC 61000-4-2 standards (Contact: ±8kV, Air: ±15kV). * **Low Capacitance:** Because the internal capacitance is very low (sub-1pF), it can protect high-speed communication lines without distorting the signal. * **Bi-Directional Design:** Unlike unidirectional diodes, this part can clamp voltages in both positive and negative directions, making it ideal for AC-coupled signals or lines where the voltage swings above and below ground. --- ### 3. Common Applications This component is widely used in modern consumer electronics to prevent damage from static electricity: 1. **USB Ports:** Protection for USB 2.0 and USB 3.0 data lines. 2. **HDMI/DisplayPort:** Guarding high-definition video interfaces. 3. **Mobile Devices:** Protecting internal circuits in smartphones and tablets. 4. **Network Hardware:** Guarding Ethernet ports and routers. --- ### 4. Schematic Representation In a circuit diagram, the part is represented by two Zener diodes placed back-to-back: ```text Line 1 ----+----|>|----|<|----+---- Ground | | Line 2 ----+----|>|----|<|----+ ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between bi-directional and uni-directional TVS diodes?
    • ⤷ How does the junction capacitance affect high-speed data transmission?
    • ⤷ What are the equivalent alternative part numbers for the SES-2B4W-R?